Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL4448 Datasheet(PDF) 1 Page - Diotech Company.

Part # MCL4448
Description  SMALL SIGNAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MCL4448 Datasheet(HTML) 1 Page - Diotech Company.

  MCL4448 Datasheet HTML 1Page - Diotech Company. MCL4448 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC4148 / MCL4448
SMALL SIGNAL SWITCHING DIODE
Case: MICRO MELF, Glass
Terminals: Solderable per MIL-STD-750, Method 2026
Polarity : Color band denotes cathode end
Mounting Position: Any
Weight :0.011 grams
●
Silicon epitaxial planar diode
●
Fast switching diodes
●
500mw power dissipation
●
High temperature soldering guaranteed
250℃/10S at terminals
Dimensions in inches and (millimeters)
MICRO-MELF
FEATURES
MECHANICAL DATA
Maximum Ratings ( TA=25 C Unless otherwise noted)
.043(1.1)
.008(0.2)
.008(0.2)
.071(1.8)
.079(2.0)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
8 / MCL4448
4
1
4
L
C
M
S
T
I
N
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
k
a
e
P
V
M
R
0
0
1
V
5
2
=
a
T
t
a
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
ix
a
M
O
f
d
n
A
C
>
z
H
0
5
I
)
V
A
(
F
0
5
1
A
m
5
2
=
=
j
T
d
n
a
s
1
<
t
t
a
t
n
e
rr
u
C
d
r
a
w
r
o
F
e
g
r
u
S
O
C
I
M
S
F
0
0
5
A
m
5
2
=
b
m
a
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
C
P
T
O
T
0
0
5
W
m
I
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
m
u
m
ix
a
M
F
A
m
0
1
=
V
F
0
.
1
V
t
n
e
rr
u
C
e
g
a
k
a
e
L
m
u
m
ix
a
M
V
t
a
R
V
0
2
=
V
t
a
R
V
5
7
=
V
t
a
R
T
,
V
0
2
=
J
0
5
1
=
O
C
I
R
5
2
5
0
5
A
n
µ
A
µ
A
V
t
a
e
c
n
a
ti
c
a
p
a
C
m
u
m
ix
a
M
F
V
=
R 0
=
C
J
4
F
p
m
o
r
F
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
ix
a
M
I
F
I-
=
R
I
o
t
A
m
0
1
=
R
R
V
,
A
m
1
-
=
R
V
6
=
R
L
0
0
1
=
Ω
t
r
r
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θ
A
J
0
0
3
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
T
J,TS
5
7
1
+
o
t
5
6
-
O
C
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100Ω


Similar Part No. - MCL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4448 VISHAY-MCL4448 Datasheet
59Kb / 5P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
48Kb / 2P
Surface mount Small Signal Diodes
logo
Formosa MS
MCL4448 FORMOSA-MCL4448 Datasheet
70Kb / 2P
Switching Diode - Silicon epitaxial planar type
logo
Weitron Technology
MCL4448 WEITRON-MCL4448 Datasheet
331Kb / 3P
High-Speed Switching Diodes
logo
Diotec Semiconductor
MCL4448 DIOTEC-MCL4448 Datasheet
100Kb / 2P
Surface Mount Small Signal Diodes
More results

Similar Description - MCL4448

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com