Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL4448 Datasheet(PDF) 2 Page - Diotech Company.

Part # MCL4448
Description  SMALL SIGNAL SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MCL4448 Datasheet(HTML) 2 Page - Diotech Company.

  MCL4448 Datasheet HTML 1Page - Diotech Company. MCL4448 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCL4148 / MCL4448
RATINGS AND CHARACTERISTIC CURVES
FIG. 1-ADMISSIBLE POWER DISSIPATION
VERSUS AMBIENT TEMPERATURE
FIG. 2-REVERSE CURRENT VERSUS CONTINUOUS
REVERSE VOLTAGE (TYPICAL VALUES)
800
700
600
500
400
300
200
100
0
0
100
200℃
1
0.1
0.01
0.001
0.0001
40
60
80
100
120
TJ=25 C
AMBIENT TEMPERATURE,℃
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 3-FORWARD CHARACTERISTICS
FIG. 4-RELATIVE CAPACTANCE VERSUS
REVERSE VOLTAGE
0
1
2V
1.2
1.0
0.8
0.6
0.4
0
5
10V
16
14
12
10
8
6
4
2
0
INSTANTANEOUS FORWARD VOLEAGE,
V0LTS
REVERSE VOLTAGE,VOLTS.
FIG. 5-ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
100
10
1
0.1
0.01
1
1000ms
100
10
0.1
V=tp/T T=1/fp
IFRM
tp
T
n=tp/T
tp,PULSE DURATION,ms
n=0
0.1
0.2
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com