Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF20100CT Datasheet(PDF) 1 Page - Diotech Company.

Part # MBRF20100CT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

MBRF20100CT Datasheet(HTML) 1 Page - Diotech Company.

  MBRF20100CT Datasheet HTML 1Page - Diotech Company. MBRF20100CT Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRF2020CT THRU MBRF20100CT
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
Forward Current - 20.0 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Dimensions in inches and (millimeters)
ITO-220AB
.386(9.8)
.406(10.3)
.118(3.0)
.102(2.6)
.189(4.8)
.173(4.4)
.114(2.9)
.098(2.5)
.059(1.5)
.043(1.1)
.055(1.4)
.071(1.8)
.531(13.5)
.571(14.5)
.088(2.24)
.112(2.84)
.138(3.5)
.122(3.1)
.610(15.5)
.571(14.5)
.118(3.0)
.106(2.7)
.020(0.51)
.030(0.76)
.030(0.76)
.020(0.51)
.157(4.0)
.142(3.6)
●
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
●
Dual rectifier construction, positive center tap
●
Metal silicon junction, majority carrier conduction
●
Low power loss, high efficiency
●
Guardring for overvoltage protection
●
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
●
Case: JEDEC ITO-220AB molded plastic body
●
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
●
High temperature soldering guaranteed:
250oC/10 seconds, 0.25" (6.35mm) from case
●
Polarity: As marked
●
Mounting Position: Any
●
Mounting Torque: 10 in-lbs maximum
●
Weight: 0.08 ounce, 2.24 grams
Characteristic
Symbol
MBRF
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
45
50
60
80
100
V
RMS Reverse Voltage
VR(RMS)
14
21
28
32
35
42
56
70
V
Average Rectified Output Current @TC = 95°C
IO
20
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@IF = 10A
FM
0.55
0.75
0.85
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 100°C
IRM
0.5
100
mA
Typical Junction Capacitance (Note 1)
Cj
1100
pF
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2020CT
MBRF
2030CT
MBRF
2040CT
MBRF
2045CT
MBRF
2050CT
MBRF
2060CT
MBRF
2080CT
MBRF
20100CT
PIN 1 -
+
PIN 3 -
PIN 2
V


Similar Part No. - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF20100CT MOTOROLA-MBRF20100CT Datasheet
83Kb / 4P
SWITCHMODE??Schottky Power Rectifirers
logo
Micro Commercial Compon...
MBRF20100CT MCC-MBRF20100CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Vishay Siliconix
MBRF20100CT VISHAY-MBRF20100CT Datasheet
113Kb / 3P
Dual High-Voltage Schottky Rectifiers
02-Jul-02
logo
Taiwan Semiconductor Co...
MBRF20100CT TSC-MBRF20100CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF20100CT TSC-MBRF20100CT Datasheet
122Kb / 2P
Isolation 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF20100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com