Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MJD340
Description  HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD340 Datasheet(HTML) 1 Page - Diodes Incorporated

  MJD340 Datasheet HTML 1Page - Diodes Incorporated MJD340 Datasheet HTML 2Page - Diodes Incorporated MJD340 Datasheet HTML 3Page - Diodes Incorporated MJD340 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJD340
Document number: DS31609 Rev. 2 - 2
1 of 4
www.diodes.com
December 2008
© Diodes Incorporated
MJD340
HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
High Collector-EmitterVoltage
•
Ideally Suited for Automated Assembly Processes
•
Ideal for Power Switching or Amplification Applications
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: DPAK
•
Case Material: Molded Plastic, "Green" Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish — Matte Tin annealed over Copper Leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.34 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
300
V
Collector-Emitter Voltage
VCEO
300
V
Emitter-Base Voltage
VEBO
3
V
Continuous Collector Current
IC
0.5
A
Peak Pulse Collector Current
ICM
0.75
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @TC = 25°C
PD
15
W
Thermal Resistance, Junction to Case
RθJC
8.33
°C/W
Power Dissipation @TA = 25°C (Note 3)
PD
1.56
W
Thermal Resistance, Junction to Ambient
RθJA
80
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Emitter Sustaining Voltage
V(SUS)CEO
300
⎯
⎯
V
IC = 1mA, IB = 0
Collector Cutoff Current
ICBO
⎯
⎯
100
μA
VCB = 300V, IE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
100
μA
VEB = 3V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
30
⎯
240
⎯
VCE = 10V, IC = 50mA
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB with minimum recommended pad layout.
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
Top View
Device Schematic
Pin Out Configuration
COLLECTOR
BASE
EMITTER
3
1
2
4
3
1
2,4
Please click here to visit our online spice models database.


Similar Part No. - MJD340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJD340 STMICROELECTRONICS-MJD340 Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1997
logo
Fairchild Semiconductor
MJD340 FAIRCHILD-MJD340 Datasheet
37Kb / 4P
High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD340 STMICROELECTRONICS-MJD340 Datasheet
505Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Sep-2003
More results

Similar Description - MJD340

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP19AT1 ONSEMI-BSP19AT1 Datasheet
83Kb / 6P
NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
REV 2
PZTA42T1 ONSEMI-PZTA42T1 Datasheet
107Kb / 6P
NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
1998 REV 3
logo
Central Semiconductor C...
CZTUX87 CENTRAL-CZTUX87 Datasheet
107Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN POWER TRANSISTOR
CXTA44 CENTRAL-CXTA44 Datasheet
70Kb / 2P
SURFACE MOUNT NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
Weitron Technology
MMBTA42 WEITRON-MMBTA42 Datasheet
224Kb / 4P
High-Voltage NPN Transistor Surface Mount
MMBTA44 WEITRON-MMBTA44 Datasheet
195Kb / 3P
High-Voltage NPN Transistor Surface Mount
MMBTA42 WEITRON-MMBTA42_06 Datasheet
209Kb / 4P
High-Voltage NPN Transistor Surface Mount
logo
Central Semiconductor C...
CXTA44 CENTRAL-CXTA44_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
logo
Diodes Incorporated
MJD340 DIODES-MJD340_15 Datasheet
108Kb / 4P
HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
Rev 2
logo
Central Semiconductor C...
CXTA44 CENTRAL-CXTA44_15 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH VOLTAGE NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com