Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD340 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MJD340
Description  HIGH VOLTAGE NPN SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MJD340 Datasheet(HTML) 3 Page - Diodes Incorporated

  MJD340 Datasheet HTML 1Page - Diodes Incorporated MJD340 Datasheet HTML 2Page - Diodes Incorporated MJD340 Datasheet HTML 3Page - Diodes Incorporated MJD340 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJD340
Document number: DS31609 Rev. 2 - 2
3 of 4
www.diodes.com
December 2008
© Diodes Incorporated
MJD340
0.1
1
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
1
10
100
1,000
C
ibo
C
obo
f = 1MHz
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
Fig. 8 Transient Thermal Response (Note 3)
t , PULSE DURATION TIME (s)
1
0.001
0.01
0.1
1
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 81°C/W
θ
θ
JA
JA
P(pk)
t1
t
2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5
Ordering Information (Note 5)
Part Number
Case
Packaging
MJD340-13
DPAK
2500/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
MJD340 = Product Type Marking Code
= Manufacturers’ code marking
YYWW = Date Code Marking
YY = Last Digit of Year (ex: 08 = 2008)
WW = Week Code 01-52
YYWW
MJD340



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com