Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB53D0UDW Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMB53D0UDW
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB53D0UDW Datasheet(HTML) 5 Page - Diodes Incorporated

  DMB53D0UDW Datasheet HTML 1Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 2Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 3Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 4Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 5Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 6Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMB53D0UDW
Document number: DS31675 Rev. 5 - 2
5 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB53D0UDW
NPN Transistor
1
10
100
1,000
10
100
1,000
1
I , COLLECTOR CURRENT (mA)
Fig. 10 Typical DC Current Gain vs. Collector Current
C
T = 25 C
A
°
T = -50 C
A
°
T = 150 C
A
°
1
0.1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 11 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
I
I
C
B
= 20
1
100
10
1,000
110
100
I , COLLECTOR CURRENT (mA)
Fig. 12 Typical Gain-Bandwidth Product
vs. Collector Current
C
V
= 5V
CE
Ordering Information (Note 5)
Part Number
Case
Packaging
DMB53D0UDW-7
SOT-363
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2008
2009
2010
2011
2012
2013
2014
2015
Code
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
MB1 = Marking Code
YM = Date Code Marking
Y = Year (ex: V = 2008)
M = Month (ex: 9 = September)
M1
B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com