Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMB53D0UDW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMB53D0UDW
Description  N-CHANNEL ENHANCEMENT MODE MOSFET PLUS NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMB53D0UDW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMB53D0UDW Datasheet HTML 1Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 2Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 3Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 4Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 5Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 6Page - Diodes Incorporated DMB53D0UDW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DMB53D0UDW
Document number: DS31675 Rev. 5 - 2
3 of 7
www.diodes.com
December 2009
© Diodes Incorporated
DMB53D0UDW
MOSFET
Fig. 1 Typical Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
V
= 1.0V
GS
V
= 1.5V
GS
V
= 2.5V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 3.0V
GS
Fig. 2 Typical Transfer Characteristics
V
, GATE SOURCE VOLTAGE (V)
GS
0
0.1
0.2
0.3
0.4
0.5
01
2
34
V
= 10V
DS
T = -55°C
A
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
Fig. 3 Typical On-Resistance
vs. Drain Current and Gate Voltage
I , DRAIN CURRENT (A)
D
1
10
0.001
0.01
0.1
1
V
= 4.0V
GS
V= 2.5V
GS
I , DRAIN CURRENT (A)
Fig. 4 Typical Drain-Source On-Resistance
vs. Drain Current and Temperature
D
1
10
0
0.1
0.2
0.3
0.4
0.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 5 On-Resistance Variation with Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE (°C)
J
V
= 2.5V
I = 80mA
GS
D
V
= 4V
I = 100mA
GS
D
0.4
Fig. 6 Typical Capacitance
0
5
10
15
20
25
30
35
40
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0
5
10
15
20
25
30
35
f = 1MHz
V
= 0V
GS
Ciss
Coss
C
rss



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com