Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT620 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT620
Description  80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT620 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT620 Datasheet HTML 1Page - Diodes Incorporated FMMT620 Datasheet HTML 2Page - Diodes Incorporated FMMT620 Datasheet HTML 3Page - Diodes Incorporated FMMT620 Datasheet HTML 4Page - Diodes Incorporated FMMT620 Datasheet HTML 5Page - Diodes Incorporated FMMT620 Datasheet HTML 6Page - Diodes Incorporated FMMT620 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FMMT620
Document number DS32123 Rev. 2 - 2
2 of 7
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT620
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1.5
A
Peak Pulse Current
ICM
5
A
Base Current
IB
500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note 3)
Linear Derating Factor
PD
625
5
mW
mW/°C
Power Dissipation at TA = 25°C (Note 4)
Linear Derating Factor
PD
625
6.4
mW
mW/°C
Junction to Ambient (Note 3)
RθJA
200
°C/W
Junction to Lead (Note 4)
RθJA
155
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
3. For device surface mounted on 25mm x 25mm FR-4 PCB with high coverage of single sided 1 oz copper, in still air conditions
4. For device mounted on FR-4 PCB measured at t
≤ 5 Secs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com