Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT620 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT620
Description  80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT620 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT620 Datasheet HTML 1Page - Diodes Incorporated FMMT620 Datasheet HTML 2Page - Diodes Incorporated FMMT620 Datasheet HTML 3Page - Diodes Incorporated FMMT620 Datasheet HTML 4Page - Diodes Incorporated FMMT620 Datasheet HTML 5Page - Diodes Incorporated FMMT620 Datasheet HTML 6Page - Diodes Incorporated FMMT620 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT620
Document number DS32123 Rev. 2 - 2
1 of 7
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT620
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Features
•
VCEO = 80V
•
VSAT = 90mΩ
•
IC = 1.5A
•
Low Equivalent On Resistance
•
Low Saturation Voltage
•
hFE Characterized up to 3.0A
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Devices (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Applications
•
DC-DC Modules
•
Power Management Functions
•
CCFL Backlighting Inverters
•
Motor control and drive functions
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.008 grams (Approximate)
Ordering Information
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT620TA
620
7
8mm embossed
1000 units
FMMT620TC
620
13
8mm embossed
3000 units
Notes:
1. No purposefully added lead. Halogen and Antimony free: <900ppm bromine, <900ppm chlorine (<1500ppm total) and <1000ppm antimony compounds.
2. Diodes Inc.’s “Green” Policy can be found on our website at http://www.diodes.com/
Marking Information
620 = Product Type Marking Code
SOT-23
Device symbol
Top View
Pin Configuration
E
B
C
E
B
C
Top View
620


Similar Part No. - FMMT620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620 Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620TA ZETEX-FMMT620TA Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620TA ZETEX-FMMT620TA Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620TC ZETEX-FMMT620TC Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
More results

Similar Description - FMMT620

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT620 ZETEX-FMMT620 Datasheet
294Kb / 6P
SuperSOT 80V NPN SILICON LOW SATURATION TRANSISTOR
FMMT620 ZETEX-FMMT620_06 Datasheet
240Kb / 6P
SuperSOT??80V NPN SILICON LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
APRIL 97
FMMT618TA DIODES-FMMT618TA Datasheet
181Kb / 8P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 5
FMMT620 DIODES-FMMT620_15 Datasheet
224Kb / 7P
80V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 3
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Rev 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com