Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0DP3F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTS751-0DP3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0DP3F Datasheet(HTML) 1 Page - STMicroelectronics

  STTS751-0DP3F Datasheet HTML 1Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 2Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 3Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 4Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 5Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 6Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 7Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 8Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
July 2010
Doc ID 16483 Rev 5
1/36
1
STTS751
2.25 V low-voltage local digital temperature sensor
Features
Operating voltage 2.25 V to 3.6 V
Operating temperature –40 °C to +125 °C
Programmable
– 10 different conversion rates
0.0625 to 32 conversions/sec.
1 conversion/sec. - default
– 4 different resolutions
9-bit (0.5 °C/LSB) to12-bit (0.0625 °C/LSB)
10-bit (0.25 °C/LSB) - default
Low supply current
– 50 µA (typ) for 8 conversions/sec.
– 20 µA (typ) for 1 conversion/sec.
– 3 µA (typ) standby
Accuracy
– ±1.0 °C (typ) 0 °C to +85 °C
– ±2.0 °C (typ) –40 °C to +125 °C
One-shot mode for power saving
Fast conversion time 21 ms (typ) 10-bit
Pull-up resistor value allows single pin to select
one of four slave addresses
Supports 400 kHz serial clock
SMBus 2.0 compatible
– SMBus ALERT (ARA) support
– SMBus timeout
RoHS/green
Applications
Solid state drives
Portable electronics
Notebook computers
Smart batteries
Servers
Telecom
UDFN-6L
SOT23-6L
Table 1.
Device summary
Order code
Pull-up resistor value
SMBus address
Comments
STTS751-0DP3F
STTS751-0WB3F
7.5 K ±5%
1001 000 b
Address selection via resistor pull-up
on Addr/Therm pin
12 K ±5%
1001 001 b
20 K ±5%
0111 000 b
33 K ±5%
0111 001 b
STTS751-1DP3F
STTS751-1WB3F
7.5 K ±5%
1001 010 b
Address selection via resistor pull-up
on Addr/Therm pin
12 K ±5%
1001 011 b
20 K ±5%
0111 010 b
33 K ±5%
0111 011 b
www.st.com


Similar Part No. - STTS751-0DP3F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTS75 STMICROELECTRONICS-STTS75 Datasheet
320Kb / 38P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75 STMICROELECTRONICS-STTS75 Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
STTS752E STMICROELECTRONICS-STTS752E Datasheet
320Kb / 38P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS752F STMICROELECTRONICS-STTS752F Datasheet
320Kb / 38P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STTS75DS2E STMICROELECTRONICS-STTS75DS2E Datasheet
334Kb / 39P
Digital temperature sensor and thermal watchdog
18-Jul-2008
More results

Similar Description - STTS751-0DP3F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Renesas Technology Corp
TS3000B3A RENESAS-TS3000B3A Datasheet
688Kb / 23P
Local Temperature Sensor
November 29, 2010
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
1.8V Local Temperature Sensor
November 4, 2014
TS3001GB2A0 RENESAS-TS3001GB2A0 Datasheet
704Kb / 24P
Local Temperature Sensor
April 06, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com