Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-0DP3F Datasheet(PDF) 20 Page - STMicroelectronics

Part # STTS751-0DP3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-0DP3F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STTS751-0DP3F Datasheet HTML 16Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 17Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 18Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 19Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 20Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 21Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 22Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 23Page - STMicroelectronics STTS751-0DP3F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
STTS751 register summary
STTS751
20/36
Doc ID 16483 Rev 5
4.9
Therm limit
The Therm limit is a read/write register located at address 20h. The power-on default value
is 85 °C (55h). The format is 8-bit, two's complement integer. This is the same format as
the upper byte of the temperature register (Section 4.2: Temperature register format).
Whenever the temperature exceeds the value of the therm limit, the Addr/Therm output will
be asserted (low). See Section 6 for more information.
4.10
Therm hysteresis
The Therm hysteresis values controls the hysteresis for Addr/Therm output. Once Therm
output has asserted, it will not de-assert until the temperature has fallen below the
respective therm limit minus the therm hysteresis value. See Section 5 for more
information.
The therm hysteresis register is read/write and is located at address 21h. The power-up
default value is 10 °C (0Ah). The format is 8-bit, two's complement integer.
4.11
SMBus timeout register
At power-up, the STTS751 is configured with an SMBus timeout of 25 to 35 milliseconds
(tTIMEOUT). See Section 3.7 for more information.
TIMEOUT: [bit 7]
1: SMBus timeout is enabled. Default condition.
0: SMBus timeout is disabled.
[bits 6:0] Not used - reserved.
Table 20.
Therm limit
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
20
R/W
Therm
sign
64 °C
32 °C
16 °C
8 °C
4 °C
2 °C
1 °C
55 (85 °C, dec)
Table 21.
Therm hysteresis
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
21
R/W
Therm hysteresis
sign
64 °C
32 °C
16 °C
8 °C
4 °C
2 °C
1 °C
0A (10 °C, dec)
Table 22.
SMBus timeout register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
Power-up
default (hex)
22
R/W
SMBus timeout TIMEOUT
0
0
0
0
0
0
0
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com