Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT634 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT634
Description  ?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT634 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT634 Datasheet HTML 1Page - Diodes Incorporated FMMT634 Datasheet HTML 2Page - Diodes Incorporated FMMT634 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
120
170
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
100
115
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
12
16
V
IE=100µA
Collector Cut-Off
Current
ICBO
10
nA
VCB=80V
Emitter Cut-Off
Current
IEBO
10
nA
VEB=7V
Collector Emitter
Cut-Off Current
ICES
100
nA
VCES=80V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.67
0.72
0.75
0.82
0.68
0.85
0.75
0.80
0.85
0.93
—
0.96
V
V
V
V
V
IC=100mA, IB=1mA *
IC=250mA, IB=1mA *
IC=500mA, IB=5mA *
IC=900mA, IB=5mA *
IC=900mA, IB=5mA *†
IC=1A, IB=5mA *
Base-Emitter
Saturation Voltage
VBE(sat)
1.5
1.65
V
IC=1A, IB=5mA *
Base-Emitter
Turn-On Voltage
VBE(on)
1.33
1.5
V
IC=1A, VCE=5V*
Static Forward
Current Transfer
Ratio
hFE
20K
15K
5K
50K
60K
40K
14K
600
24K
IC=10mA, VCE=5V *
IC=100mA, VCE=5V *
IC=1A, VCE=5V *
IC=2A, VCE=5V *
IC=5A, VCE=5V *
IC=1A, VCE=2V *
Transition
Frequency
fT
140
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
920
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
290
ns
IC=500mA
VCC=20V
IB=±1mA
Turn-Off Time
t(off)
2.4
µs
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%.
† Tj=150°C
FMMT634



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com