Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT634 Datasheet (PDF) - Diodes Incorporated

FMMT634 Datasheet PDF - Diodes Incorporated
Part # FMMT634
Download  FMMT634 Download
File Size   115.32 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR

FMMT634 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT634 Datasheet PDF - Diodes Incorporated

Part # FMMT634
Download  FMMT634 Click to download

File Size   115.32 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ?쏶uperSOT??SOT23 NPN SILICON POWER DARLINGTON TRANSISTOR

FMMT634 Datasheet (HTML) - Diodes Incorporated


FMMT634 Product details

Features
• BVCEO > 100V
• IC = 900mA high Continuous Collector Current
• ICM = 5A Peak Pulse Current
• 625mW Power dissipation
• hFE > 5k up to 2A for high current gain hold up
• Complementary PNP Type: FMMT734
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT634

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT634 ZETEX-FMMT634 Datasheet
104Kb / 3P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT634 KEXIN-FMMT634 Datasheet
37Kb / 2P
Power Darlington Transistor
logo
Diodes Incorporated
FMMT634 DIODES-FMMT634 Datasheet
296Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 2
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
FMMT634QTA DIODES-FMMT634QTA Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
More results


Similar Description - FMMT634

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT38A DIODES-FMMT38A Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
AUGUST 1996
FMMT614 DIODES-FMMT614 Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
APRIL 1996
logo
Fairchild Semiconductor
FMMT38CTA FAIRCHILD-FMMT38CTA Datasheet
78Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
FMMT614TC FAIRCHILD-FMMT614TC Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q_15 Datasheet
636Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 1
FMMT634 DIODES-FMMT634_15 Datasheet
623Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 3
MMBTA28 DIODES-MMBTA28_15 Datasheet
301Kb / 6P
80V NPN DARLINGTON TRANSISTOR IN SOT23
Rev 10
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
253Kb / 1P
SOT23 NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Diodes Incorporated
FMMT634Q DIODES-FMMT634Q Datasheet
612Kb / 7P
100V NPN DARLINGTON TRANSISTOR IN SOT23
Rev. 2 - 2 October 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com