Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA06 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMTA06
Description  SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA06 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMTA06 Datasheet HTML 1Page - Diodes Incorporated FMMTA06 Datasheet HTML 2Page - Diodes Incorporated FMMTA06 Datasheet HTML 3Page - Diodes Incorporated FMMTA06 Datasheet HTML 4Page - Diodes Incorporated FMMTA06 Datasheet HTML 5Page - Diodes Incorporated FMMTA06 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMMTA06
SEMICO NDUC TORS
ISSUE 2 - MAY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Collector-base voltage
V CBO
80
V
Collector-emitter voltage
V CEO
80
V
Emitter-base voltage
V EBO
4V
Peak pulse current
ICM
1A
Continuous collector current
IC
500
mA
Base current
IB
100
mA
Power dissipation @ TA= 25° C
Linear derating factor
PD
330
2.64
mW
mW/° C
Operating and storage temperature
Tj;Tstg
-55 to + 150
° C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient
R JA
379
° C/W
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com