Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA06 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMTA06
Description  SOT23 NPN SILICON PLANARMEDIUM POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA06 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMTA06 Datasheet HTML 1Page - Diodes Incorporated FMMTA06 Datasheet HTML 2Page - Diodes Incorporated FMMTA06 Datasheet HTML 3Page - Diodes Incorporated FMMTA06 Datasheet HTML 4Page - Diodes Incorporated FMMTA06 Datasheet HTML 5Page - Diodes Incorporated FMMTA06 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMTA06
SEMICO NDUC TORS
ISSUE 2 - MAY 2004
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
V (BR)CBO
80
V
IC=1 mA
Collector-emitter breakdown voltage
V (BR)CEO
80
V
IC= 10mA*
Emitter-base breakdown voltage
V (BR)EBO
4V
IE= 100 A
Collector-emitter cut-off current
ICES
100
nA
V CES= 60V
Collector-base cut-off current
ICBO
100
nA
V CB= 80V
Static forward current transfer ratio
HFE
50
50
120
IC= 10mA, VCE=1 V*
IC= 100mA, VCE=1 V*
Collector-emitter saturation voltage
V CE(sat)
0.25
V
IC= 100mA, IB= 10mA*
Base-emitter turn-on voltage
V BE(on)
1.2
V
IC=0 .1 A, VCE=1 V*
Transition frequency
fT
100
IC= 10mA, VCE=2 V,
f= 100MHz
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated)
NOTES
* Measured under pulsed conditions. Pulse width= 300 S. Duty cycle
2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com