Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL619 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMTL619
Description  SOT23 NPN SILICON PLANAR HIGH GAIN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL619 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMTL619 Datasheet HTML 1Page - Diodes Incorporated FMMTL619 Datasheet HTML 2Page - Diodes Incorporated FMMTL619 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
100
210
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
50
70
V
IC=5mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
58.5
V
IE=100µA
Collector Cut-Off Current ICBO
10
nA
VCB=40V
Emitter Cut-Off Current
IEBO
10
nA
VEB=4V
Collector Cut-Off Current ICES
10
nA
VCE=40V
Collector-Emitter
Saturation Voltage
VCE(sat)
24
60
100
195
45
100
180
330
mV
mV
mV
mV
IC=100mA, IB=10mA*
IC=250mA, IB=10mA*
IC=500mA, IB=25mA*
IC=1.25A, IB=125mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1020
1100
mV
IC=1.25A, IB=125mA*
Base-Emitter
Turn On Voltage
VBE(on)
895
1000
mV
IC=1.25A, VCE=2V*
Static Forward
Current Transfer Ratio
hFE
200
300
200
100
30
400
450
400
230
50
IC=10mA, VCE=5V
IC=200mA, VCE=5V*
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
180
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
6
8
pF
VCB=10V, f=1MHz
Switching times
ton
toff
182
379
ns
ns
IC=1A, VCC=10V
IB1=-IB2=10mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FMMTL619



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com