Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL619 Datasheet (PDF) - Diodes Incorporated

FMMTL619 Datasheet PDF - Diodes Incorporated
Part # FMMTL619
Download  FMMTL619 Download
File Size   84.01 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR HIGH GAIN

FMMTL619 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMTL619 Datasheet PDF - Diodes Incorporated

Part # FMMTL619
Download  FMMTL619 Click to download

File Size   84.01 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR HIGH GAIN

FMMTL619 Datasheet (HTML) - Diodes Incorporated


FMMTL619 Product details

Features
• BVCEO > 50V
• IC = 1.25A Continuous Collector Current
• 500mW Power Dissipation
• Low Saturation Voltage VCE(sat) < 330mV @ 1.25A
• RCE(SAT) = 160mΩ for a Low Equivalent on-Resistance
• Complementary PNP type: FMMTL720
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Applications
• MOSFET Gate Driving
• DC-DC / DC-AC Converters
• Regulator
• LED Driver
• Motor Control




Similar Part No. - FMMTL619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619 Datasheet
65Kb / 3P
NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FMMTL619 ZETEX-FMMTL619 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
logo
List of Unclassifed Man...
FMMTL619TA ETC2-FMMTL619TA Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
FMMTL619 ZETEX-FMMTL619_05 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
More results


Similar Description - FMMTL619

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC849A ZETEX-BC849A Datasheet
52Kb / 3P
SOT23 NPN SILICON PLANAR
FMMTL619 ZETEX-FMMTL619_05 Datasheet
77Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT458 DIODES-FMMT458 Datasheet
79Kb / 2P
SOT23 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
APRIL 2002
FMMT497 DIODES-FMMT497 Datasheet
164Kb / 6P
SOT23 NPN silicon planar high voltage high
November 2006
FMMT6517 DIODES-FMMT6517 Datasheet
60Kb / 1P
SOT23 NPN SILICON PLANAR
NOVEMBER 1995
FMMTL618 DIODES-FMMTL618 Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
NOVEMBER 1997
logo
List of Unclassifed Man...
FMMTL618TA ETC2-FMMTL618TA Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
FMMTL619TA ETC2-FMMTL619TA Datasheet
84Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT5179TA FAIRCHILD-FMMT5179TA Datasheet
68Kb / 2P
SOT23 NPN SILICON PLANAR HIGH FREQUENCY TRANSISTOR
logo
Diodes Incorporated
FMMTL618 DIODES-FMMTL618_15 Datasheet
81Kb / 3P
SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
NOVEMBER 1997
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com