Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220WARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8220WARMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220WARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8220WARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD8220
Rev. B | Page 7 of 28
A Grade
B Grade
W Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT
Output Swing
RL = 10 kΩ
0.15
4.85
0.15
4.85
0.15
4.85
V
Over Temperature
TOPR
0.2
4.80
0.2
4.80
0.3
4.70
V
Short-Circuit Current
15
15
15
mA
REFERENCE INPUT
TA
RIN
40
40
40
kΩ
IIN
VIN+, VIN− = 0 V
70
70
70
μA
Voltage Range
−VS
+VS
−VS
+VS
−VS
+VS
V
Gain to Output
TA
1 ±
0.0001
1 ±
0.0001
1 ±
0.0001
V/V
POWER SUPPLY
Operating Range
4.5
36
4.5
36
4.5
36
V
Quiescent Current
TA
750
750
750
μA
Over Temperature
TOPR
850
850
1000
μA
TEMPERATURE RANGE
TOPR, For Specified
Performance
TOPR
−40
+85
−40
+85
−40
+125
°C
1 When the output sinks more than 4 mA, use a 47 pF capacitor in parallel with the load to prevent ringing. Otherwise, use a larger load, such as 10 kΩ.
2 Differential and common-mode impedance can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
3 The AD8220 can operate up to a diode drop below the negative supply but the bias current increases sharply. The input voltage range reflects the maximum
allowable voltage where the input bias current is within the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com