Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220WARMZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8220WARMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220WARMZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8220WARMZ-R7 Datasheet HTML 20Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 21Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 22Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 23Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 24Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 25Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 26Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 27Page - Analog Devices AD8220WARMZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8220
Rev. B | Page 24 of 28
±5V
0.1µF
+5V
–5V
4.99kΩ
4.99kΩ
AD8220
OP1177
+15V
+IN
–IN
0.1µF
0.1µF
10µF
REF
+5V
+15V
–15V
VREF
2.5V
VOUTA= +VIN +VREF
2
VOUTB= –VIN +VREF
2
0.1µF
–15V
+2.5V
+5.0V
+0V
TIME
AMPLITUDE
+2.5V
+5.0V
+0V
TIME
AMPLITUDE
TIME
AMPLITUDE
Figure 65. Differential Output with Level Shift
±5V
0.1µF
4.99kΩ
4.99kΩ
4.99kΩ
4.99kΩ
AD8220
OP1177
+15V
+IN
–IN
0.1µF
0.1µF
10µF
REF
+5V
+15V
–15V
VREF
2.5V
VOUTA= +VIN +VREF
2
0.1µF
–15V
TIME
TO 0V TO +5V ADC
TO 0V TO +5V ADC
+AIN
–AIN
REF
+5V FROM REFERENCE
+5V FROM REFERENCE
10nF
VOUTB= –VIN +VREF
2
Figure 66. Configuring the AD8220 to Output A Ratiometric, Differential Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com