Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224HACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8224HACPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224HACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8224HACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8224
Rev. B | Page 6 of 28
VS + = 5 V, VS− = 0 V, VREF = 2.5 V, TA = 25°C, G = 1, RL = 2 kΩ1, unless otherwise noted. Table 5 displays the specifications for an
individual instrumentation amplifier configured for a single-ended output or dual instrumentation amplifiers configured for differential
outputs as shown in Figure 63.
Table 5. Individual Amplifier in Single-Ended Configuration or Dual Amplifiers in Differential Output Configuration2, VS =+5 V
A Grade
B Grade
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO (CMRR)
CMRR DC to 60 Hz with
1 kΩ Source Imbalance
VCM = 0 to 2.5 V
G = 1
78
86
dB
G = 10
94
100
dB
G = 100
94
100
dB
G = 1000
94
100
dB
CMRR at 10 kHz
G = 1
74
80
dB
G = 10
84
90
dB
G = 100
84
90
dB
G = 1000
84
90
dB
NOISE
RTI noise = √(eni2 + (eno/G)2)
Voltage Noise, 1 kHz
VS = ±2.5 V
Input Voltage Noise, eni
VIN+, VIN− = 0 V, VREF = 0 V
14
14
17
nV/√Hz
Output Voltage Noise, eno
VIN+, VIN− = 0 V, VREF = 0 V
90
90
100
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
5
5
μV p-p
G = 1000
0.8
0.8
μV p-p
Current Noise
f = 1 kHz
1
1
fA/√Hz
VOLTAGE OFFSET
RTI VOS = (VOSI) + (VOSO/G)
Input Offset, VOSI
300
250
μV
Average TC
T = −40°C to +85°C
10
5
μV/°C
Output Offset, VOSO
1200
800
μV
Average TC
T = −40°C to +85°C
10
5
μV/°C
Offset RTI vs. Supply (PSR)
G = 1
86
86
dB
G = 10
96
100
dB
G = 100
96
100
dB
G = 1000
96
100
dB
INPUT CURRENT (PER CHANNEL)
Input Bias Current
25
10
pA
Over Temperature3
T = −40°C to +85°C
300
300
pA
Input Offset Current
2
0.6
pA
Over Temperature3
T = −40°C to +85°C
5
5
pA
REFERENCE INPUT
RIN
40
40
kΩ
IIN
VIN+, VIN− = 0 V
70
70
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0001
1 ±
0.0001
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com