Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224HACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8224HACPZ-R7
Description  Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224HACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8224HACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8224HACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD8224
Rev. B | Page 15 of 28
VS+
–1
21
SUPPLY VOLTAGE (V)
8
–1
–2
+1
VS–
4
6
8
10
12
14
16
–40°C
+125°C
+25°C
+85°C
+25°C
–40°C
NOTES
1. THE AD8224 CAN OPERATE UP TO A VBE BELOW
THE NEGATIVE SUPPLY, BUT THE BIAS CURRENT
WILL INCREASE SHARPLY.
+85°C +125°C
Figure 28. Input Voltage Limit vs. Supply Voltage, G = 1, VREF =0 V
VS+
VS–
21
DUAL SUPPLY VOLTAGE (±V)
8
–1
–2
–3
–4
+4
+3
+2
+1
4
6
8
10
12
14
16
–40°C
+25°C
+125°C
+85°C
–40°C
+25°C
+85°C
+125°C
Figure 29. Output Voltage Swing vs. Dual Supply Voltage,
RLOAD = 2 kΩ, G = 10, VREF = 0 V
VS+
VS–
21
DUAL SUPPLY VOLTAGE (±V)
8
–0.2
–0.4
+0.4
+0.2
4
6
8
10
12
14
16
+85°C
+125°C
+25°C
–40°C
–40°C
+25°C
+85°C
+125°C
Figure 30. Output Voltage Swing vs. Dual Supply Voltage,
RLOAD = 10 kΩ, G = 10, VREF = 0 V
15
–15
100
10k
RLOAD (Ω)
1k
10
5
0
–5
–10
+125°C
+85°C
+25°C
–40°C
+125°C
+85°C
+25°C
–40°C
Figure 31. Output Voltage Swing vs. Load Resistance, VS = ±15 V, VREF = 0 V
5
0
100
10k
RLOAD (Ω)
1k
4
3
2
1
–40°C
–40°C
+125°C
+125°C
+25°C
+25°C
+85°C
+85°C
Figure 32. Output Voltage Swing vs. Load Resistance, VS = 5 V, VREF = 2.5 V
VS+
VS–
01
IOUT (mA)
6
–1
–2
–3
–4
+4
+3
+2
+1
2
4
6
8
101214
–40°C
+125°C
+85°C
+25°C
–40°C
+25°C
+85°C
+125°C
Figure 33. Output Voltage Swing vs. Output Current, VS = ±15 V, VREF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com