Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623BRZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD623BRZ-R7
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623BRZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD623BRZ-R7 Datasheet HTML 2Page - Analog Devices AD623BRZ-R7 Datasheet HTML 3Page - Analog Devices AD623BRZ-R7 Datasheet HTML 4Page - Analog Devices AD623BRZ-R7 Datasheet HTML 5Page - Analog Devices AD623BRZ-R7 Datasheet HTML 6Page - Analog Devices AD623BRZ-R7 Datasheet HTML 7Page - Analog Devices AD623BRZ-R7 Datasheet HTML 8Page - Analog Devices AD623BRZ-R7 Datasheet HTML 9Page - Analog Devices AD623BRZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD623
Rev. D | Page 6 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
800
800
800
kHz
G = 10
100
100
100
kHz
G = 100
10
10
10
kHz
G = 1000
2
2
2
kHz
Slew Rate
0.3
0.3
0.3
V/μs
Settling Time to 0.01%
VS = ±5 V,
5 V step
G = 1
30
30
30
μs
G = 10
20
20
20
μs
1 Does not include effects of external resistor, RG.
2 One input grounded. G = 1.
BOTH DUAL AND SINGLE SUPPLIES
Table 3.
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
Total RTI noise =
() ()2
2
/G
e
e
no
ni
+
Input, Voltage Noise, eni
35
35
35
nV/√Hz
Output, Voltage Noise, eno
50
50
50
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
3.0
3.0
3.0
μV p-p
G = 1000
1.5
1.5
1.5
μV p-p
Current Noise
f = 1 kHz
100
100
100
fA/√Hz
0.1 Hz to 10 Hz
1.5
1.5
1.5
pA p-p
REFERENCE INPUT
RIN
100 ±
20%
100 ±
20%
100 ±
20%
kΩ
IIN
VIN+, VREF = 0 V
50
60
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0002
1 ±
0.0002
1 ±
0.0002
V
POWER SUPPLY
Operating Range
Dual supply
±2.5
±6
±2.5
±6
±2.5
±6
V
Single supply
2.7
12
2.7
12
2.7
12
V
Quiescent Current
Dual supply
375
550
375
550
375
550
μA
Single supply
305
480
305
480
305
480
μA
Over Temperature
625
625
625
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com