Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623BRZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD623BRZ-R7
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623BRZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD623BRZ-R7 Datasheet HTML 7Page - Analog Devices AD623BRZ-R7 Datasheet HTML 8Page - Analog Devices AD623BRZ-R7 Datasheet HTML 9Page - Analog Devices AD623BRZ-R7 Datasheet HTML 10Page - Analog Devices AD623BRZ-R7 Datasheet HTML 11Page - Analog Devices AD623BRZ-R7 Datasheet HTML 12Page - Analog Devices AD623BRZ-R7 Datasheet HTML 13Page - Analog Devices AD623BRZ-R7 Datasheet HTML 14Page - Analog Devices AD623BRZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD623
Rev. D | Page 11 of 24
5
–5
–4
–3
–2
–1
0
1
2
3
4
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
COMMON-MODE INPUT (V)
VS = ±5V
VS = ±2.5V
Figure 21. Maximum Output Voltage vs. Common-Mode Input, G ≥ 10, RL = 100 Ω
5
0
1
2
3
4
–1
012
345
COMMON-MODE INPUT (V)
Figure 22. Maximum Output Voltage vs. Common-Mode Input,
G = 1, VS = 5 V, RL = 100 kΩ
5
0
1
2
3
4
–1
012
345
COMMON-MODE INPUT (V)
Figure 23. Maximum Output Voltage vs. Common-Mode Input,
G ≥ 10, VS = 5 V, RL = 100 kΩ
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 24. Positive PSRR vs. Frequency, ±5 VS
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 25. Positive PSRR vs. Frequency, 5 VS, 0 VS
140
120
100
80
60
40
20
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1000
G = 100
G = 10
G = 1
Figure 26. Negative PSRR vs. Frequency, ±5 VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com