Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7484 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7484
Description  N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7484 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7484 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7484 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current
ID
450
mA
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance (Note 1)
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C)
N-CH (Q1)
P-CH (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
IGSSF, IGSSR VGS=8.0V, VDS=0
-
3.0
-
3.0
μA
IDSS
VDS=30V, VGS=0
-
1.0
-
1.0
μA
BVDSS
VGS=0, ID=10μA
30
-
-
-
V
BVDSS
VGS=0, ID=100μA
-
-
30
-
V
VGS(th)
VDS=VGS, ID=250μA
0.5
1.0
0.5
1.0
V
VSD
VGS=0, IS=400mA
0.5
1.1
-
-
V
VSD
VGS=0, IS=100mA
-
-
0.5
1.1
V
rDS(ON)
VGS=4.5V, ID=200mA
-
0.46
-
-
Ω
rDS(ON)
VGS=4.5V, ID=430mA
-
-
-
1.1
Ω
rDS(ON)
VGS=2.5V, ID=100mA
-
0.56
-
-
Ω
rDS(ON)
VGS=2.5V, ID=200mA
-
-
-
2.0
Ω
rDS(ON)
VGS=1.8V, ID=75mA
-
0.73
-
-
Ω
rDS(ON)
VGS=1.8V, ID=100mA
-
-
-
3.3
Ω
CMLDM7484
SURFACE MOUNT
N-CHANNEL AND P-CHANNEL
ENHANCEMENT-MODE
COMPLEMENTARY MOSFETS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM7484
consists of complementary N-Channel and P-Channel
Enhancement-mode silicon MOSFETs designed for
high speed pulsed amplifier and driver applications.
These MOSFETs offer Very Low rDS(ON) and Low
Threshold Voltage.
MARKING CODE: 8C7
FEATURES:
• ESD Protection up to 2kV
• 350mW Power Dissipation
• Very Low rDS(ON)
• Low Threshold Voltage
• Logic Level Compatible
• Small, SOT-563 Surface Mount Package
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
APPLICATIONS:
• Load/Power Switches
• Power Supply Converter Circuits
• Battery Powered Portable Devices
SOT-563 CASE
R2 (27-January 2011)
www.centr a lsemi.com


Similar Part No. - CMLDM7484

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7484 CENTRAL-CMLDM7484_15 Datasheet
606Kb / 3P
ENHANCEMENT-MODE COMPLEMENTARY MOSFET
More results

Similar Description - CMLDM7484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSM4532M ETC1-SSM4532M Datasheet
199Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Silicon Standard Corp.
SSM4507M SSC-SSM4507M Datasheet
343Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4532M SSC-SSM4532M Datasheet
204Kb / 11P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4565M SSC-SSM4565M Datasheet
452Kb / 8P
COMPLEMENTARY N- AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
SSM4575M SSC-SSM4575M Datasheet
320Kb / 7P
COMPLEMENTARY N AND P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Central Semiconductor C...
CMRDM3575 CENTRAL-CMRDM3575 Datasheet
420Kb / 2P
N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMLDM3757 CENTRAL-CMLDM3757 Datasheet
595Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CMLDM7585 CENTRAL-CMLDM7585 Datasheet
594Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
CTLDM7181-M832D CENTRAL-CTLDM7181-M832D Datasheet
473Kb / 2P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY SILICON MOSFETS
CMBDM3590 CENTRAL-CMBDM3590 Datasheet
334Kb / 3P
SURFACE MOUNT N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
R0 9-March 2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com