Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7484 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM7484
Description  N-CHANNEL AND P-CHANNEL ENHANCEMENT-MODE COMPLEMENTARY MOSFETS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7484 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM7484 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7484 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMLDM7484
SURFACE MOUNT
N-CHANNEL AND P-CHANNEL
ENHANCEMENT-MODE
COMPLEMENTARY MOSFETS
SOT-563 - MECHANICAL OUTLINE
PIN CONFIGURATION
LEAD CODE:
1) Source Q1
2) Gate Q1
3) Drain Q2
4) Source Q2
5) Gate Q2
6) Drain Q1
MARKING CODE: 8C7
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C)
N-CH (Q1)
P-CH (Q2)
SYMBOL
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNITS
gFS
VDS=10V, ID=100mA
200
-
200
-
mS
Crss
VDS=25V, VGS=0, f=1.0MHz
-
10
-
10
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
-
45
-
55
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
-
15
-
15
pF
www.centr a lsemi.com
R2 (27-January 2011)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com