Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD05MLTM Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSD05MLTM
Description  ESD PROTECTION DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05MLTM Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSD05MLTM Datasheet HTML 1Page - Pan Jit International Inc. PJSD05MLTM Datasheet HTML 2Page - Pan Jit International Inc. PJSD05MLTM Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
August 20.2010-REV.01
PJSD05MLTM
ESD PROTECTION DIODES
The PJSD05MLTM is designed to protect voltage sensitive components from ESD.
Excellent clamping capability,low leakage,and fast response time provide best in class protection on designs
that are exposed to ESD.
VOLTAGE
5 Volts
POWER
90 Watts
FEATURES
• Low leakage
• In compliance with EU RoHS 2002/95/EC directives
• IEC61000-4-2 Level 4 ESD Protection
• IEC61000-4-4 Level 4 EFT Protection 80A (t
p=5/50ns)
MECHANICAL DATA
• Case: SOD-923, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band cathode
MAXIMUM RATINGS
0.034(0.85)
0.029(0.75)
0.018(0.45)
0.013(0.35)
0.042(1.05)
0.037(0.95)
SO D - 9 2 3
NOTES:
*Other voltages available upon request
1.VBR is measured with a pulse test current IT at an ambient temperature of 25oC
Rating
Symbol
Value
Units
P eak P o we r D i ss i pat i o n 8/ 20 P uls e
P
PM
90
W
Lead S o ld e r Te m per atur e- M a xi m um ( 10 S e c o nd D ur a t i on)
TL
260
oC
O per at i ng Junc t i on and S tor age Te m per at ur e Ra ng e
TJ ,TSTG
-55 to +150
oC
ELECTRICAL CHARACTERISTICS
(TA=25oC UNLESS OTHERWISE NOTED, VF=0.9V Max.@IF=10mA )
Device
VRWM(V)
I R(
μA)@VRWM
VBR(V)I T
(Note 1)
I T
VC(V)@MAX I
PP+
I PP(A)+
PPK(W)+
CJ(pF)
Marking
Code
Ma x
Ma x
Mi n
mA
Ma x
Ma x
Max
Typ
PJSD05MLTM
5.0
1.0
6.2
1.0
10
9
90
65
R
1
2
Cathode
Anode


Similar Part No. - PJSD05MLTM

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05MLFN2 PANJIT-PJSD05MLFN2 Datasheet
78Kb / 3P
ESD PROTECTION DIODES
More results

Similar Description - PJSD05MLTM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7205 ONSEMI-ESD7205 Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
ESD7451 ONSEMI-ESD7451 Datasheet
71Kb / 5P
ESD Protection Diodes
June, 2014 ??Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
ESD Protection Diodes
May, 2017 ??Rev. 0
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
ESD Protection Diodes
May, 2016 ??Rev. 8
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
ESD Protection Diodes
November, 2016 ??Rev. 0
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com