Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD05MLTM Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSD05MLTM
Description  ESD PROTECTION DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSD05MLTM Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSD05MLTM Datasheet HTML 1Page - Pan Jit International Inc. PJSD05MLTM Datasheet HTML 2Page - Pan Jit International Inc. PJSD05MLTM Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
August 20.2010-REV.01
PJSD05MLTM
0
2
4
6
8
10
12
14
16
02468
10
IPP, Peak Current (A), 8/20µsec
10
20
30
40
50
60
70
80
012
345
V R, Reverse Bias Voltage (V)
0
100
200
300
20
40
60
80
100
120
140
T J , Junction Temperature (°C)
FIG. 3- Typical Reverse Characteristics
FIG. 3- Typical Reverse Characteristics
FIG. 1-
Clamping Voltage
FIG. 1-
Clamping Voltage
FIG. 2- Surge Pulse Waveform Definition
FIG. 2- Surge Pulse Waveform Definition
Time, µsec
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
Rise time 10-90%-8 s
m
50% of I @20 s
PP
m
FIG. 4- Typical Junction Capacitance
FIG. 4- Typical Junction Capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com