Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSLC12 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSLC12
Description  ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSLC12 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSLC12 Datasheet HTML 1Page - Pan Jit International Inc. PJSLC12 Datasheet HTML 2Page - Pan Jit International Inc. PJSLC12 Datasheet HTML 3Page - Pan Jit International Inc. PJSLC12 Datasheet HTML 4Page - Pan Jit International Inc. PJSLC12 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.1-FEB.18.2009
PJSLC05 SERIES
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
This Transient Voltage Suppressor is intended to Protect Sensitive Equipment against Electrostatic Discharge and Transient Events as
well to offer a Miminum insertion loss in high speed data communication transmission line ports used in Portable Consumer,Computing
and Networking Applications.
MAXIMUM RATINGS
SPECIFICATION FEATURES
• Working Peak Reverse Voltage Range-5,12,15 and 24V
• Maximum Leakage Current of 5
µA
• IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
• IEC61000-4-5 17 Amps peak, 8/20
µs Waveform
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOT-23, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.008gram
Marking:
APPLICATIONS
Mobile Phones and accessories
Universal Serial Bus (USB1.1 and 2.0) Applications
Portable Consumer Electronics
Instrumentation Equipment
Ethernet 10,100 and 1000 Base Port Protection
5
0
C
L
S
J
P2
1
C
L
S
J
P5
1
C
L
S
J
P4
2
C
L
S
J
P
S
1
T2
1
S5
1
S4
2
S
Fig.24
G
N
I
T
A
RL
O
B
M
Y
SE
U
L
A
VS
T
I
N
U
0
2
/
8
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ
m
r
o
f
e
v
a
W
sPPP
0
0
4W
0
2
/
8
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ
m
r
o
f
e
v
a
W
sI PP
7
1A
)
M
B
H
(
e
g
a
t
l
o
V
D
S
E
VESD
5
2
>V
k
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
TJ
5
2
1
+
o
t
5
5
-
OC
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
e
g
a
r
o
t
S
TSTG
0
5
1
+
o
t
5
5
-
OC
)
s
c
e
s
0
1
x
a
m
(
e
r
u
t
a
r
e
p
m
e
T
g
n
i
d
l
o
S
d
a
e
L
TL
0
6
2
OC


Similar Part No. - PJSLC12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSLC12 PANJIT-PJSLC12 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC124 PANJIT-PJSLC124 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
PJSLC124C PANJIT-PJSLC124C Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
More results

Similar Description - PJSLC12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJLCDA05 PANJIT-PJLCDA05 Datasheet
124Kb / 4P
QUAD LOW CAPACITANCE TVS ARRAY FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
NUP2201MR6 ONSEMI-NUP2201MR6 Datasheet
38Kb / 4P
Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
November, 2003 ??Rev. 1
logo
Pan Jit International I...
PJDLC05 PANJIT-PJDLC05 Datasheet
71Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TRANSIENT OVERVOLTAGE SUPPRESSOR FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05 Datasheet
79Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJLCDA05 PANJIT-PJLCDA05_06 Datasheet
89Kb / 4P
ULTRA LOW CAPACITANCE QUAD TVS ARRAY FOR HIGH SPEED TRANSMISSION DATA LINES
PJSLC05 PANJIT-PJSLC05_06 Datasheet
86Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC054 PANJIT-PJSLC054 Datasheet
114Kb / 4P
LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES
PJGL05 PANJIT-PJGL05_09 Datasheet
139Kb / 4P
ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PJSLC05C-02 PANJIT-PJSLC05C-02 Datasheet
112Kb / 3P
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
logo
ON Semiconductor
ESD8118 ONSEMI-ESD8118 Datasheet
227Kb / 10P
Low Capacitance Array for High Speed Data Lines
May, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com