Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT05CW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSOT05CW
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05CW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSOT05CW Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05CW Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05CW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-DEC.23.2008
PJSOT05CW SERIES
VOLTAGE
POWER
5~24 Volts
200 Watts
STANDARD CAPACITANCE TVS ARRAY
•
200 Watts Peak Pulse Power per Line ( tp=8/20
µs)
•
Low Clampoing Voltage
•
Unidirectional & Bidirectional Configurations
•
IEC61000-4-2,Level 4
•
In compliance with EU RoHS 2002/95/EC directives
DEVICE CHARACTERISTICS
Case: SOT-323
Terminals : Solderable per MIL-STD-750,Method 2026
Approx Weight: 0.005gram
MECHANICAL DATA
FEATURES
Ratings at 25°C unless otherwise specified.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
VS
T
I
N
U
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ )
sP PP
0
0
2s
t
t
a
W
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OTJ
0
5
1
+
o
t
5
5
-
O C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
0
5
1
+
o
t
5
5
-
O C
0
0
3
,
A
m
0
0
1
@
e
g
a
t
l
o
V
d
r
a
w
r
o
F
µ
e
v
a
W
e
r
a
u
q
S
-
sV F
5
.
1s
t
l
o
V
ELECTRICAL CHARACTERISTICS
r
e
b
m
u
N
t
r
a
P
e
s
r
e
v
e
R
d
n
a
t
S
e
g
a
t
l
o
V
f
f
o
-
m
u
m
n
i
M
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
x
a
M
0
2
/
8
@
e
g
a
t
l
o
V
µ
c
e
s
e
s
l
u
P
k
a
e
P
0
2
/
8
t
n
e
r
r
u
C
µ
c
e
s
m
u
m
i
x
a
M
e
g
a
k
a
e
L
t
n
e
r
r
u
C
e
t
a
t
S
-
f
f
O
,
e
c
n
a
t
i
c
a
p
a
C
s
a
i
B
c
d
o
r
e
Z
z
H
M
1
g
n
i
k
r
a
M
e
d
o
C
V RWM
1
@mA V BR
V CL @I PP
I PP
V
@ RWM I D
Cd
V
.
x
a
M
V
V
A
µA
F
p
.
x
a
M
W
C
5
0
T
O
S
J
P
5
6
9
7
5
0
1
1
C
2
W
C
4
2
T
O
S
J
P
4
2
7
.
6
2
3
4
4
1
0
3
A
C
6


Similar Part No. - PJSOT05CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT05C PANJIT-PJSOT05C Datasheet
57Kb / 4P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C PANJIT-PJSOT05C Datasheet
109Kb / 3P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C-02 PANJIT-PJSOT05C-02 Datasheet
99Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT05CW

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com