Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT05CW Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSOT05CW
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05CW Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSOT05CW Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05CW Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05CW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-DEC.23.2008
PJSOT05CW SERIES
0.01
1
10
100
1,000
10,000
10,000
1,000
100
10
t -Pulse Duration- s
d
m
t -Pulse Duration- s
d
m
0
5
10
15
20
25
30
120
100
80
60
40
20
0
t-Time- s
m
t-Time- s
m
0
25
50
75
100
125
150
100
80
60
40
20
0
T -Lead Temperature - C
L
O
T -Lead Temperature -C
L
O
200W , 8/20
s Waveform
m
200W , 8/20
s Waveform
m
TEST
WAVEFORM
PARAMETERS
t= 8 s
t= 20 s
f
d
m
m
TEST
WAVEFORM
PARAMETERS
t= 8s
t= 20 s
f
d
m
m
Peak Value I
PP
Peak Value I
PP
t
f
t
f
e
-t
e
-t
td=t
td = t
I/2
PP
I/2
PP
FIG.1- PEAK PULSE POWER VS PULSE TIME
FIG.2- PULSE WAVE FORM
FIG.3- POWER DERATING CURVE
Peak Pulse Power
8/20 s
m
Peak Pulse Power
8/20 s
m
Average Power
Average Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com