Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25Q32 Datasheet(PDF) 21 Page - FIDELIX

Part # FM25Q32
Description  32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q32 Datasheet(HTML) 21 Page - FIDELIX

Back Button FM25Q32 Datasheet HTML 17Page - FIDELIX FM25Q32 Datasheet HTML 18Page - FIDELIX FM25Q32 Datasheet HTML 19Page - FIDELIX FM25Q32 Datasheet HTML 20Page - FIDELIX FM25Q32 Datasheet HTML 21Page - FIDELIX FM25Q32 Datasheet HTML 22Page - FIDELIX FM25Q32 Datasheet HTML 23Page - FIDELIX FM25Q32 Datasheet HTML 24Page - FIDELIX FM25Q32 Datasheet HTML 25Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
preliminary(Aug.18.2010)
21
FM25Q32
11.2.6 Write Disable (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status
Register to a 0. The Write Disable instruction in entered by driving /CS low, shifting the instruction
code “04h” into the DI pin and then driving /CS high. Note that the WEL bit is automatically reset
after Power-up and upon completion of the Write Status Register, Page Program, Sector Erase,
Block Erase and Chip Erase instructions.
.
0
6
5
4
3
2
1
7
/CS
DI
CLK
Mode 0
Mode 3
Mode 0
Mode 3
Instruction (04 h)
High Impedance
DO
0
6
5
4
3
2
1
7
/CS
DI
CLK
Mode 0
Mode 3
Mode 0
Mode 3
Instruction (04 h)
High Impedance
DO
Figure 6. Write Disable Instruction Sequence Diagram
11.2.7 Read Status Register-1 (05h) and Read Status Register-2 (35h)
The Read Status Register instructions allow the 8-bit Status Register to be read, The instruction is
entered by driving /CS low and shifting the instruction code “05h” for Status Register-1 and “35h”
for Status Register-2 into the DI pin on the rising edge of CLK. The status register bits are then
shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first as shown in
figure 7. The Status Register bits are shown in figure 3a and 3b include the BUSY, WEL, BP2-BP0,
TB, SEC, SRP0, SRP1 and QE bits (see description of the Status Register earlier in this
datasheet).
The Status Register instruction may be used at any time, even while a Program, Erase, Write
Security Register or Write Status Register cycle is in progress. This allows the BUSY status bit to
be checked to determine when the cycle is complete and if the device can accept another
instruction. The Status Register can be read continuously, as shown in Figure 7. The instruction is
completed by driving /CS high.
0
6
5
4
3
2
1
7
Mode 0
Mode 3
Instruction(05h or 35h)
11
10
9
8
12 13
17
16
18 19
15
14
21
20
23
22
Status Register out
/CS
CLK
DI
DO
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Status Register out
=MSB
0
6
5
4
3
2
1
7
Mode 0
Mode 3
Instruction(05h or 35h)
11
10
9
8
12 13
17
16
18 19
15
14
21
20
23
22
Status Register out
/CS
CLK
DI
DO
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
Status Register out
=MSB
Figure 7. Read Status Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com