Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1216ACX Datasheet(PDF) 7 Page - FIDELIX

Part # FMP1216ACX
Description  8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1216ACX Datasheet(HTML) 7 Page - FIDELIX

Back Button FMP1216ACX Datasheet HTML 3Page - FIDELIX FMP1216ACX Datasheet HTML 4Page - FIDELIX FMP1216ACX Datasheet HTML 5Page - FIDELIX FMP1216ACX Datasheet HTML 6Page - FIDELIX FMP1216ACX Datasheet HTML 7Page - FIDELIX FMP1216ACX Datasheet HTML 8Page - FIDELIX FMP1216ACX Datasheet HTML 9Page - FIDELIX FMP1216ACX Datasheet HTML 10Page - FIDELIX FMP1216ACX Datasheet HTML 11Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FMP1216ACx
CMOS LPRAM
READ CYCLE (1) (Address controlled,/CS=/OE=VIL, /ZZ=/WE=VIH, /UB or/and /LB=VIL)
READ CYCLE (2) (/ZZ=/WE=VIH)
Address
Data Out
tRC
Previous Data Valid
Data Valid
tAA
tOH
()
Address
tAA
tCO
tBA
tOH
tHZ
tBHZ
/CS
/UB, /LB
tRC
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
3 D
t
d i
ith
l ti i
h t
th
tRC(tWC) f
ti
i d
20
tOE
tOLZ
tBLZ
tLZ
Data Valid
High-Z
tOHZ
/OE
Data Out
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
PAGE READ CYCLE (/ZZ=/WE=VIH, 16 words access)
A0~A3
tRC
tPC
tPC
tPC
tPC
tPC
tPC
tPC
tMRC
tAA
tCO
tBA
tHZ
tBHZ
/CS
/UB, /LB
A4~A22
tOH
1. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced
to output voltage levels.
2. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device
to device interconnection.
tOE
High-Z
tBHZ
tOHZ
/OE
Data Out
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tPAA
tLZ
tBLZ
tOLZ
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Data Valid
Revision 0.1
Oct. 2010
7
to de ce te co ect o
3. Do not access device with cycle timing shorter than tRC(tWC) for continuous periods > 20us.
4. In case page address skew is over 3ns, tPAA will be out of spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com