Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1216ACX Datasheet(PDF) 2 Page - FIDELIX

Part # FMP1216ACX
Description  8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1216ACX Datasheet(HTML) 2 Page - FIDELIX

  FMP1216ACX Datasheet HTML 1Page - FIDELIX FMP1216ACX Datasheet HTML 2Page - FIDELIX FMP1216ACX Datasheet HTML 3Page - FIDELIX FMP1216ACX Datasheet HTML 4Page - FIDELIX FMP1216ACX Datasheet HTML 5Page - FIDELIX FMP1216ACX Datasheet HTML 6Page - FIDELIX FMP1216ACX Datasheet HTML 7Page - FIDELIX FMP1216ACX Datasheet HTML 8Page - FIDELIX FMP1216ACX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FMP1216ACx
CMOS LPRAM
8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FEATURES
• Process Technology : Full CMOS
• Organization : 8M x 16
• Power Supply Voltage : 1.7~1.95V
• Three state output and TTL Compatible
• Separated I/O power(VCCQ) & Core power(VCC)
• Operating Temperature Ranges:
Special (-10’C to +60’C)
Commercial (0’C to +70’C)
Et d d ( 25’C t
85’C)
•Package Type : 54-FBGA-6.00x8.00 mm2
FMP1216ACx-HxxX : Pb-Free & Halogen Free
• Low Power & Page Modes
FMP1216AC1 : support the PASR/DPD function
FMP1216AC2 : support the Direct DPD function
FMP1216AC4 : support the PASR/DPD/PAGE function
FMP1216AC5 : support the Direct DPD/PAGE function
• Page read/write operation by 16 words
(FMP1216AC4, FMP1216AC5)
• DPD mode by using MRS only
PRODUCT FAMILY
Product Family
Operating
Voltage (V)
Speed
Power Dissipation
ICC1
ICC2
ISB1
(CMOS Standby
Current)
Min. Typ. Max.
f = 1MHz
f = fmax
Extended (-25’C to +85’C)
Industrial (-40’C to +85’C)
DPD mode by using MRS only
(FMP1216AC1, FMP1216AC4)
• Direct DPD mode when /ZZ goes low
(FMP1216AC2, FMP1216AC5)
PIN DESCRIPTION
FUNCTIONAL BLOCK DIAGRAM
Min. Typ. Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
FMP1216ACx-H70E
1.7
1.8
1.95
70ns
1.5mA
3mA
12mA
25mA
180uA
200uA
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and TA = 25C.
2. H=FBGA(Pb-Free & Halogen Free), W=WAFER
3. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
Name
Function
Name
Function
/ZZ
Low Power Modes
VCC
Core Power
/CS
Chip Select Input
VCCQ
I/O Power
/OE
Output Enable Input
VSS
Ground
/WE
Write Enable Input
/UB
Upper Byte(I/O9~16)
A0~A22
Address Inputs
/LB
Lower Byte(I/O1~8)
I/O1~I/O16
Data Inputs/Outputs
NC
No Connect
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
Row
select
I/O1 I/O16
Data Inputs/Outputs
NC
No Connect
I/O Circuit
Column select
Data
cont
Data
cont
Data
cont
I/O9 ~ I/O16
I/O1 ~ I/O8
Column Addresses
Control Logic
/CS
/OE
/WE
/UB
/LB
Revision 0.1
Oct. 2010
2
/LB
/ZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com