Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040GC2 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZRT040GC2
Description  4.01V LOW POWER PRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT040GC2 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZRT040GC2 Datasheet HTML 1Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 2Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 3Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 4Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 1:
This circuit will allow the reference to be trimmed over
a wide range. The device is specified over a
5% trim
range.
ZRT040
SEMICO NDUC TORS
ISSUE 4 - DECEMBER 2003
4
SCHEMATIC DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com