Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT040GC2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZRT040GC2
Description  4.01V LOW POWER PRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT040GC2 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZRT040GC2 Datasheet HTML 1Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 2Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 3Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 4Page - Diodes Incorporated ZRT040GC2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZRT040 is a monolithic integrated circuit providing
a precise stable reference voltage of 4.01V at 500
µA.
The circuit features a knee current of 150
µA and
operation over a wide range of temperatures and
currents.
The ZRT040 is available in a SOT223 package for
surface mount applications. This device offers a trim
facility whereby the output voltage can be adjusted as
shown in Fig.1. This facility is used when
compensating for system errors or setting the
reference output to a particular value. When the trim
facility is not used, the pin should be left open circuit.
FEATURES
• Trimmable output
• Excellent temperature stability
• Low output noise figure
• Available in three temperature ranges
• 1 and 2% initial voltage tolerance versions
available
• No external stabilising capacitor required in
most cases
• Low slope resistance
• SOT223 small outline packages
ZRT040
ISSUE 4 - DECEMBER 2003
4.01V LOW POWER PRECISION REFERENCE SOURCE
DEVICE
TOL%
OPERATING
TEMP.
PACKAGE
PARTMARK
ZRT040GC2
2
-40 to 85°C
SOT223
ZRT040C2
ZRT040GC1
1
-40 to 85°C
SOT223
ZRT040C1
ZRT040GA1
1
-55 to 125°C
SOT223
ZRT040A1
ORDERING INFORMATION
A grade
-55°C to 125°C
C grade
-40°C to 85°C
SOT223
Package suffix G
Top view (pin 4 floating or
connected to pin 2)
SOT223


Similar Part No. - ZRT040GC2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT040GC2 ZETEX-ZRT040GC2 Datasheet
165Kb / 4P
4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT040GC2 ZETEX-ZRT040GC2 Datasheet
169Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
More results

Similar Description - ZRT040GC2

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040 Datasheet
165Kb / 4P
4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062 Datasheet
166Kb / 4P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100 Datasheet
171Kb / 4P
9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040_03 Datasheet
169Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050_03 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062_03 Datasheet
174Kb / 5P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
9.8V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT050 DIODES-ZRT050 Datasheet
182Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com