Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT050 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZRT050
Description  4.9V LOW POWER PRECISION REFERENCE SOURCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRT050 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZRT050 Datasheet HTML 1Page - Diodes Incorporated ZRT050 Datasheet HTML 2Page - Diodes Incorporated ZRT050 Datasheet HTML 3Page - Diodes Incorporated ZRT050 Datasheet HTML 4Page - Diodes Incorporated ZRT050 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEMICO NDUC TORS
DESCRIPTION
The ZRT050 is a monolithic integrated circuit providing
a precise stable reference voltage of 4.9V at 500
µA.
The circuit features a knee current of 150
µA and
operation over a wide range of temperatures and
currents.
The ZRT050 is available in a SOT223 package for
surface mount applications. This device offers a trim
facility whereby the output voltage can be adjusted as
shown in Fig.1. This facility is used when
compensating for system errors or setting the
reference output to a particular value. When the trim
facility is not used, the pin should be left open circuit.
FEATURES
Trimmable output
Excellent temperature stability
Low output noise figure
Available in two temperature ranges
1 and 2% initial voltage tolerance versions
available
No external stabilizing capacitor required in most
cases
Low slope resistance
SOT223 small outline package
ZRT050
ISSUE 3 - DECEMBER 2003
4.9V LOW POWER PRECISION REFERENCE SOURCE
DEVICE
TOL%
OPERATING
TEMP.
PACKAGE
PARTMARK
ZRT050GC2
2
-40 to 85°C
SOT223
ZRT050C2
ZRT050GC1
1
-40 to 85°C
SOT223
ZRT050C1
ZRT050GA1
1
-55 to 125°C
SOT223
ZRT050A1
ORDERING INFORMATION
A grade
-55°C to 125°C
C grade
-40°C to 85°C
SOT223
Package suffix G
Top view (pin 4 floating or
connected to pin 2)
SOT223


Similar Part No. - ZRT050

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
ZRT050A1 ZETEX-ZRT050A1 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050C1 ZETEX-ZRT050C1 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050C2 ZETEX-ZRT050C2 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
More results

Similar Description - ZRT050

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040 Datasheet
165Kb / 4P
4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
5.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062 Datasheet
166Kb / 4P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100 Datasheet
171Kb / 4P
9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040_03 Datasheet
169Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050_03 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062_03 Datasheet
174Kb / 5P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
9.8V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT040 DIODES-ZRT040 Datasheet
176Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com