Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2315094 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2315094
Description  VIP-3/SC/FLK60
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315094 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2315094 Datasheet HTML 1Page - PHOENIX CONTACT 2315094 Datasheet HTML 2Page - PHOENIX CONTACT 2315094 Datasheet HTML 3Page - PHOENIX CONTACT 2315094 Datasheet HTML 4Page - PHOENIX CONTACT 2315094 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 5
http://www.phoenixcontact.de
Mar 15, 2010
Extract from the online
catalog
 
VIP-3/SC/FLK60
Order No.: 2315094
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315094
 
 
VARIOFACE module, with screw connection and flat-ribbon cable
plug connector, for mounting on NS 32 or NS 35/7.5, with pin strip and
short and long locking latches for socket strips. 60-pos.
 
Commercial data
EAN
4046356312905
Pack
1 pcs.
Customs tariff
85369010
Weight/Piece
0.2689 KG
Catalog page information
Page 279 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
09/02/2008
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
60 V AC/DC
Max. current carrying capacity per branch
1 A
Number of positions
60
Width
108 mm


Similar Part No. - 2315094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315094 PHOENIX-2315094 Datasheet
207Kb / 3P
VARIOFACE Professional for ribbon cable connectors
05/2009
More results

Similar Description - 2315094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315052 PHOENIX-2315052 Datasheet
130Kb / 6P
VIP-3/SC/FLK26
2315065 PHOENIX-2315065 Datasheet
129Kb / 5P
VIP-3/SC/FLK34
2315078 PHOENIX-2315078 Datasheet
132Kb / 6P
VIP-3/SC/FLK40
2315081 PHOENIX-2315081 Datasheet
139Kb / 7P
VIP-3/SC/FLK50
2315104 PHOENIX-2315104 Datasheet
114Kb / 4P
VIP-3/SC/FLK64
2315146 PHOENIX-2315146 Datasheet
72Kb / 5P
VIP-3/SC/D37SUB/M
2315201 PHOENIX-2315201 Datasheet
109Kb / 5P
VIP-3/SC/D50SUB/F
2322388 PHOENIX-2322388 Datasheet
133Kb / 4P
VIP-3/SC/HD44SUB/M
2322427 PHOENIX-2322427 Datasheet
132Kb / 4P
VIP-3/SC/HD44SUB/F
2322430 PHOENIX-2322430 Datasheet
133Kb / 4P
VIP-3/SC/HD62SUB/F
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com