Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2315094 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2315094
Description  VIP-3/SC/FLK60
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315094 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2315094 Datasheet HTML 1Page - PHOENIX CONTACT 2315094 Datasheet HTML 2Page - PHOENIX CONTACT 2315094 Datasheet HTML 3Page - PHOENIX CONTACT 2315094 Datasheet HTML 4Page - PHOENIX CONTACT 2315094 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VIP-3/SC/FLK60 Order No.: 2315094
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315094
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Mar 15, 2010
CUL
Nominal voltage UN
125 V
Nominal current IN
1 A
AWG/kcmil
30-12
UL
Nominal voltage UN
125 V
Nominal current IN
1 A
AWG/kcmil
30-12
Accessories
Item
Designation
Description
Cable/conductor
2299385
FLK 26/EZ-DR/ 50/KONFEK
Round cable set, with two 26-pos. socket strips, (1:1 connection),
cable length: 0.5 m
2299398
FLK 26/EZ-DR/ 100/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 1 m
2299408
FLK 26/EZ-DR/ 150/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 1.5 m
2299424
FLK 26/EZ-DR/ 300/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 3 m
2299437
FLK 26/EZ-DR/ 400/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 4 m
2299440
FLK 26/EZ-DR/ 600/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 6 m
2299453
FLK 26/EZ-DR/ 800/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 8 m
2299466
FLK 26/EZ-DR/1000/KONFEK
Round cable set, with two 26-pos. socket strips (1:1 connection),
cable length: 10 m
2295059
FLK EZ-DR.../.../...
Round cable, with preassembly, not shielded, variable cable
length



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com