Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PHT
Description  High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHT Datasheet(HTML) 5 Page - Vishay Siliconix

  PHT Datasheet HTML 1Page - Vishay Siliconix PHT Datasheet HTML 2Page - Vishay Siliconix PHT Datasheet HTML 3Page - Vishay Siliconix PHT Datasheet HTML 4Page - Vishay Siliconix PHT Datasheet HTML 5Page - Vishay Siliconix PHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PHT
www.vishay.com
Vishay Sfernice
Revision: 14-Jan-15
5
Document Number: 53050
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
ESD packaging available: waffle-pack and plastic tape and
reel (low conductivity). Paper tape available in standard (for
size 0402) and upon request (ESD only) (for sizes 0603,
0805, and 1206).
Note
(1) 12 mm on request
PACKAGING RULES
Waffle Pack
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered exceeds maximum quantity of a
single waffle pack, the waffle packs are stacked up on the
top of each other and closed by one single cover.
To get “not stacked up” waffle pack in case of ordered
quantity > maximum number of pieces per package:
Please consult Vishay Sfernice for specific ordering
code.
Tape and Reel
Can be filled up to maximum quantity indicated in the table
here above, taking into account the minimum order quantity.
When quantity ordered is between the MOQ and the
maximum reel capacity, only one reel is provided.
When several reels are needed for ordered quantity
within MOQ and maximum reel capacity: please consult
Vishay Sfernice for specific ordering code.
Note
(1) For usage at temperatures up to 200 °C maximum N (tin/silver termination are available upon request)
SIZE
MOQ
NUMBER OF PIECES PER PACKAGE
TAPE
WIDTH
WAFFLE PACK
2" × 2"
TAPE AND REEL
MIN.
MAX.
0402
100
100
100
5000
8 mm
0603
0805
4000
1206
140
2010
60
2000
8 mm (1)
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: PHT1206Y1001BGT063
GLOBAL
MODEL
SIZE
TCR
VALUE
TOLERANCE
TERMINATION
PACKAGING
OPTION
PHT
0402
0603
0805
1206
2010
Y
E
H
The first three digits are
significant figures and
the last digit specifies
the number of zeros to
follow, R designates
decimal point
10R0 = 10
3901 = 3900
1004 = 1 M
L = 0.01 %
P = 0.02 %
W = 0.05 %
B = 0.1 %
D = 0.5 %
F = 1 %
G = gold
N = tin/silver (1)
For more
information see
codification of
Packaging table
Leave blank
if no option
CODIFICATION OF PACKAGING
CODE 18
PACKAGING
WAFFLE PACK
W
100 min., 1 mult
WA
100 min., 100 mult (available only on size 1206)
PLASTIC TAPE (in standard for all sizes except 0402)
T
100 min., 1 mult
TA
100 min., 100 mult
TB
250 min., 250 mult
TC
500 min., 500 mult
TD
1000 min., 1000 mult
TE
2500min., 2500 mult
TF
Full tape (quantity depending on size of chips)
PAPER TAPE (in standard for 0402, option for other sizes)
PT
100 min., 1 mult
PA
100 min., 100 mult
PB
250 min., 250 mult
PC
500 min., 500 mult
PD
1000 min., 1000 mult
PE
2500min., 2500 mult
PF
Full tape (quantity depending on size of chips)
H
T
12
06
Y
1
0
P
01
B
G
T
06
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com