Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PHT
Description  High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PHT Datasheet(HTML) 1 Page - Vishay Siliconix

  PHT Datasheet HTML 1Page - Vishay Siliconix PHT Datasheet HTML 2Page - Vishay Siliconix PHT Datasheet HTML 3Page - Vishay Siliconix PHT Datasheet HTML 4Page - Vishay Siliconix PHT Datasheet HTML 5Page - Vishay Siliconix PHT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHT
www.vishay.com
Vishay Sfernice
Revision: 14-Jan-15
1
Document Number: 53050
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Stability - High Temperature (230 °C)
Thin Film Wraparound Chip Resistors, Sulfur Resistant
INTRODUCTION
For applications such as down hole applications, the need
for parts able to withstand very severe conditions
(temperature as high as 215 °C powered or up to 230 °C
un-powered) has leaded Vishay Sfernice to push out the
limit of the thin film technology.
Designers
might
read
the
application
note:
Power
Dissipation
Considerations
in
High
Precision
Vishay
Sfernice
Thin
Film
Chip
Resistors
and
Arrays
(P,
PRA
etc…)
(High
Temperature
Application)
www.vishay.com/doc?53047
in
conjunction
with
this
datasheet to help them to properly design their PCBs and
get the best performances of the PHT.
Vishay Sfernice R&D engineers will be willing to support any
customer design considerations.
FEATURES
• Operating temperature range:
-55 °C; +215 °C
• Storage temperature: -55 °C; +230 °C
• Gold terminations (< 1 μm thick)
• 5 sizes available (0402, 0603, 0805, 1206,
2010); other sizes upon request
• Temperature coefficient down to 15 ppm
(-55 °C; +215 °C)
• Tolerance down to 0.01 %
• Load life stability: 0.35 % max. after 2000 h at 220 °C
(ambient) at Pn
• Shelf life stability: 0.7 % typ. (1 % max.) after 15 000 h at
230 °C
• SMD wraparound
• TCR remains constant after long term storage at 230 °C
(15 000 h)
• Sulfur resistant (per ASTM B809-95 humid vapor test)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) For power handling improvement, please refer to application note 53047: “Power Dissipation Considerations in High Precision Vishay
Sfernice Thin Film Chip Resistors and Arrays (High Temperature Applications)” www.vishay.com/doc?/53047 and consult Vishay Sfernice
(2) See Table 2 on next page
(3) See Table 1 on next page
(4) It is possible to dissipate up to 0.3 W, but there will be an additional drift of 0.1 % after load life
Note
• For other terminations, please consult
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER (1)(2)
P215 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE (2)
± %
TEMPERATURE
COEFFICIENT (3)
± ppm/°C
PHT0402
0402
10 to 130K
0.0189
50
0.01, 0.02, 0.05, 0.1, 0.5, 1
10, 15, 25, 30, 50, 55
PHT0603
0603
10 to 320K
0.0375
75
0.01, 0.02, 0.05, 0.1, 0.5, 1
10, 15, 25, 30, 50, 55
PHT0805
0805
10 to 720K
0.06
150
0.01, 0.02, 0.05, 0.1, 0.5, 1
10, 15, 25, 30, 50, 55
PHT1206
1206
10 to 2.7M
0.1
200
0.01, 0.02, 0.05, 0.1, 0.5, 1
10, 15, 25, 30, 50, 55
PHT2010
2010
10 to 7.5M
0.2 (4)
300
0.01, 0.02, 0.05, 0.1, 0.5, 1
10, 15, 25, 30, 50, 55
CLIMATIC SPECIFICATIONS
Operating temperature range
-55 °C; +215 °C
Storage temperature range
-55 °C; +230 °C
PERFORMANCE VS. HUMID SULFUR VAPOR
Test conditions
50 °C ± 2 °C, 85 % ± 4 % RH,
exposure time 500 h
Test results
Resistance drift < (0.05 % R + 0.05
),
no corrosion products observed
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Resistive Element
Nichrome (NiCr)
Passivation
Silicon nitride (Si3N4)
Protection
Epoxy + silicone
Terminations
Gold (< 1 μm) over nickel barrier


Similar Part No. - PHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
logo
Samtec, Inc
PHT SAMTEC-PHT Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
List of Unclassifed Man...
PHT-0.02D ETC-PHT-0.02D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-0.02D ETC-PHT-0.02D Datasheet
75Kb / 1P
PM Hysteresis Torque Controller
PHT-0.02S ETC-PHT-0.02S Datasheet
60Kb / 1P
PM Hysteresis Torque Controller
More results

Similar Description - PHT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PRAHT100 VISHAY-PRAHT100 Datasheet
97Kb / 4P
High Temperature (230 °C) High Precision Thin Film Wraparound Chip Resistor Arrays
20-Nov-12
P VISHAY-P Datasheet
131Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
20-Feb-15
PHT VISHAY-PHT Datasheet
97Kb / 6P
High Stability - High Temperature (230 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
14-Jan-15
PVHT VISHAY-PVHT Datasheet
89Kb / 6P
High Stability - Very High Temperature (270 °C) Thin Film Wraparound Chip Resistors, Sulfur Resistant
13-Nov-15
logo
Bourns Electronic Solut...
CRT0603-CV-1003EAS BOURNS-CRT0603-CV-1003EAS Datasheet
397Kb / 4P
Sulfur-Resistant Thin Film Precision Chip Resistors
CR0402-AS BOURNS-CR0402-AS Datasheet
406Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
CR0603-AS BOURNS-CR0603-AS Datasheet
412Kb / 2P
Sulfur-Resistant Thick Film Chip Resistors
logo
Vishay Siliconix
P VISHAY-P_V01 Datasheet
148Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors, Sulfur Resistant
18-Oct-2021
RCAE3 VISHAY-RCAE3_V01 Datasheet
160Kb / 10P
Sulfur Resistant Thick Film Chip Resistors
04-Jul-2022
RV VISHAY-RV_V01 Datasheet
103Kb / 5P
High Precision Wraparound Thin Film Chip Resistors
04-Oct-2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com