Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VLSL30
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL30 Datasheet(HTML) 1 Page - Vishay Siliconix

  VLSL30 Datasheet HTML 1Page - Vishay Siliconix VLSL30 Datasheet HTML 2Page - Vishay Siliconix VLSL30 Datasheet HTML 3Page - Vishay Siliconix VLSL30 Datasheet HTML 4Page - Vishay Siliconix VLSL30 Datasheet HTML 5Page - Vishay Siliconix VLSL30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 81182
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 1.0, 03-Feb-10
1
High Brightness LED Power Module
VLSL30
Vishay Semiconductors
DESCRIPTION
VLSL30 is a metal core based high brightness LED power
module, assembled with 24 HB white LEDs. VLSL30 is a
cold white version in a color temperature range of 5000 K to
7000 K. The module is designed for flexible use due to the
option for using special reflectors to adjust the emission
characteristics.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: LED module
• Product series: power
• Angle of half intensity: ± 60°
FEATURES
• Metal core PCB: Cu based
• Single side/single layer PCB
• Shiny white surface
• 24 LED’s minimum 87 lm at 350 mA
• Conductive top layer: Cu
• Isolation layer prepreg type R1566
• ESD withstand voltage: up to 2 kV according to
JESD22-A114-B
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Indoor and outdoor applications
• Internal lighting in buildings
• Tunnel lights
• General lighting application
• Backlighting clusters for advertising boards
• Spotlight illumination for off-road vehicles
20783
21850
PARTS TABLE
PART
COLOR
LUMINOUS FLUX
(at IF = 350 mA typ.)
COLOR TEMPERATURE
K
TECHNOLOGY
VLSL30
Cold white
Φ
V = 2160 lm
5000 to 7000
InGaN
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) VLSL30
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Forward current
Per row
IF
350
mA
Power dissipation
Total
Ptot
33 600
mW
Junction temperature
Tj
120
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 85
°C
Decomposition temperature of PCB
(for cable assembly)
3 x 10 s
TD
350
°C
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902


Similar Part No. - VLSL30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL30 VISHAY-VLSL30 Datasheet
647Kb / 4P
LED Lighting Development Kit
VLSL30-LDK VISHAY-VLSL30-LDK Datasheet
647Kb / 4P
LED Lighting Development Kit
VLSL3012A2 VISHAY-VLSL3012A2 Datasheet
279Kb / 7P
High Brightness LED Power Module
05-Dec-11
VLSL3024A2 VISHAY-VLSL3024A2 Datasheet
279Kb / 7P
High Brightness LED Power Module
05-Dec-11
More results

Similar Description - VLSL30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLPC0303A2 VISHAY-VLPC0303A2 Datasheet
207Kb / 6P
High Brightness LED Power Module
05-Dec-11
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLSL4212A VISHAY-VLSL4212A Datasheet
236Kb / 9P
High Brightness LED Power Module
11-Nov-10
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
High Brightness LED Power Module
13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
High Brightness LED Power Module
30-Jul-12
VLPC0101C6 VISHAY-VLPC0101C6 Datasheet
213Kb / 6P
High Brightness LED Power Module
27-Sep-13
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
High Brightness LED Power Module
31-Oct-12
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
High Brightness LED Power Module
13-Feb-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
High Brightness LED Power Module
13-Apr-11
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
High Brightness LED Power Module
11-Apr-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com