Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLSL30
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL30 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLSL30 Datasheet HTML 1Page - Vishay Siliconix VLSL30 Datasheet HTML 2Page - Vishay Siliconix VLSL30 Datasheet HTML 3Page - Vishay Siliconix VLSL30 Datasheet HTML 4Page - Vishay Siliconix VLSL30 Datasheet HTML 5Page - Vishay Siliconix VLSL30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 81182
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 1.0, 03-Feb-10
3
VLSL30
High Brightness LED Power Module Vishay Semiconductors
COLOR RANGE AND COLOR BINNING
VLSL30: 5000 K to 7000 K group X to V
Fig. 1 - Chromaticity Coordinates of Colorgroups
0.25
0.30
0.35
0.40
0.45
0.50
0.25
0.30
0.35
0.40
0.45
0.50
x - Coordinate
YA
YO
XP
XO
XN
XM
WQ
WP
WO
WN
WM
VP
VO
VN
VM
UP
UO
UN
UM
TP
TO
TN
TM
SP
SN
SM
RP
RO
RN
RM
QP
QO
QN
QM
PP
PO
PM
NP
NO
NN
NM
MP
MO
MN
MM
21851
SO
PN
white
VLMW711
U2U3XV
natural
white
VLMW711T3U2US
warm
white
VLMW71S2S3QN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com