Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL31 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLSL31
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL31 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLSL31 Datasheet HTML 1Page - Vishay Siliconix VLSL31 Datasheet HTML 2Page - Vishay Siliconix VLSL31 Datasheet HTML 3Page - Vishay Siliconix VLSL31 Datasheet HTML 4Page - Vishay Siliconix VLSL31 Datasheet HTML 5Page - Vishay Siliconix VLSL31 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 83295
2
Rev. 1.0, 03-Feb-10
VLSL31
Vishay Semiconductors High Brightness LED Power Module
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
(3) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
(4) Based on theoretical calculation.
SPECIFICATION OF SINGLE LEDs USED FOR THE MODULES
• VLSL31: LED: VLMW711T3U2US (81161 rev. 1; 03/26/2009)
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLSL31, NATURAL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (2)
IF = 350 mA
Φ
V
400
450
-
lm
Luminous flux total (2)
Iboard = 4 x 350 mA
Φ
V
1600
1900
-
lm
Color temperature
IF = 350 mA
TK
3800
-
5000
K
Forward voltage per row
IF = 350 mA
VF
18
20
24
V
Class A (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0-
0.2
V
Class B (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0.2
-
0.4
V
Class C (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0.4
-
0.6
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-
- 108
-
mV/K
Temperature coefficient of
Φ
V
IF = 350 mA
TC
Φ
V
-
- 0.4
-
%/K
Temperature coefficient of color
temperature
IF = 350 mA
TCTK
-17-
K/K
Thermal resistance junction-to-board (4)
RthJB total
1-
K/W
Isolation voltage
VAC
1000
-
-
V
VDC
1500
-
-
V
LUMINOUS FLUX CLASSIFICATION FOR THE SINGLE LED
GROUP
LUMINOUS FLUX
Φ
V (lm) CORRELATION TABLE
STANDARD
MIN.
MAX.
T3
76.5
87.4
U2
87.4
99.4
U3
99.4
113.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com