Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSL31 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VLSL31
Description  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL31 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLSL31 Datasheet HTML 1Page - Vishay Siliconix VLSL31 Datasheet HTML 2Page - Vishay Siliconix VLSL31 Datasheet HTML 3Page - Vishay Siliconix VLSL31 Datasheet HTML 4Page - Vishay Siliconix VLSL31 Datasheet HTML 5Page - Vishay Siliconix VLSL31 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 83295
4
Rev. 1.0, 03-Feb-10
VLSL31
Vishay Semiconductors High Brightness LED Power Module
PCB BASIC DESIGN Dimensions in millimeters
Board design with 4 parallel LED rows (4 cathode pads and common anode pad)
PCB CHARACTERISTICS
• Metal core PCB with typical Cu thickness of 800 μm
• Prepreg type R1566 typical 127 μm
• Conductive pattern Cu typical 25 μm
• Total board thickness: 1 mm ± 15 %
• Warpage max. 0.75 % of board dimension
• Solder resist on top side
• Shiny white surface
• Galvanic of solder pads and backside pure matte Sn (
≥ 0.8 μm),
board edges and hole walls immersion plated
• Assembled with 24 VLMW711xxx LED’s. LED position
accuracy ± 0.125 mm from middle axis, horizontal tilt max. 2°
21854
Drawing-No.: 9.920-6715.01-4
Issue: 1; 28.09.09
Not indicated tolerances ± 0.15 mm
121
3 x 20 = 60
30.5 ± 0.35
8
20
16
(20.5)
20
20
20
20
20.5
89
16
6.2
24 x
Ø 0.25
Fiducial mark (3 x)
Ø 3.5 ± 0.05 (13 x)
2.6
1
specifications
according to DIN
technical drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com