Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1081 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXCT1081
Description  HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1081 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXCT1081 Datasheet HTML 3Page - Diodes Incorporated ZXCT1081 Datasheet HTML 4Page - Diodes Incorporated ZXCT1081 Datasheet HTML 5Page - Diodes Incorporated ZXCT1081 Datasheet HTML 6Page - Diodes Incorporated ZXCT1081 Datasheet HTML 7Page - Diodes Incorporated ZXCT1081 Datasheet HTML 8Page - Diodes Incorporated ZXCT1081 Datasheet HTML 9Page - Diodes Incorporated ZXCT1081 Datasheet HTML 10Page - Diodes Incorporated ZXCT1081 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ZXCT1081
ZXCT1081
Document number: DS32102 Rev. 1 - 2
9 of 11
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
RSENSE
CD
RLIM
ZXCT1081
SENSE+
SENSE-
Figure 2 Protection/Error Sources for ZXCT1081
Capacitor CD provides high frequency transient decoupling when used with RLIM; typical values are of the order 10pF.
For best performance RSENSE should be connected as close to the SENSE+ (and SENSE ) pins; minimizing any series
resistance with RSENSE.
When choosing appropriate values for RSENSE a compromise must be reached between in-line signal loss (including
potential power dissipation effects) and small signal accuracy.
Higher values for RSENSE gives better accuracy at low load currents by reducing the inaccuracies due to internal offsets. For
best operation the ZXCT1081 has been designed to operate with VSENSE of the order of 50mV to 150mV.
Current monitors' basic configuration is that of a unipolar voltage to current to voltage converter powered from a single
supply rail. The internal amplifier at the heart of the current monitor may well have a bipolar offset voltage but the output
cannot go negative; this results in current monitors saturating at very low sense voltages.
As a result of this phenomenon the ZXCT1081 has been specified to operate in a linear manner over a VSENSE range of
10mV to 150mV range, however it will still be monotonic down to VSENSE of 0V.
It is for this very reason that Zetex has specified an input offset voltage (VO(10)) at 10mV. The output voltage for any VSENSE
voltage from 10mV to 150mV can be calculated as follows:
VOUT = (VSENSE) xG + VO(10)
Alternatively the load current can be expressed as:
IL =
VOUT – VO(10)
GxRSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com