Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1081 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1081
Description  HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1081 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1081 Datasheet HTML 1Page - Diodes Incorporated ZXCT1081 Datasheet HTML 2Page - Diodes Incorporated ZXCT1081 Datasheet HTML 3Page - Diodes Incorporated ZXCT1081 Datasheet HTML 4Page - Diodes Incorporated ZXCT1081 Datasheet HTML 5Page - Diodes Incorporated ZXCT1081 Datasheet HTML 6Page - Diodes Incorporated ZXCT1081 Datasheet HTML 7Page - Diodes Incorporated ZXCT1081 Datasheet HTML 8Page - Diodes Incorporated ZXCT1081 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ZXCT1081
ZXCT1081
Document number: DS32102 Rev. 1 - 2
2 of 11
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Description
Pin
Name
Description
1
VCC
This is the analogue supply and provides power to internal circuitry
2
GND
Ground pin
3
OUT
Output voltage pin. NMOS source follower with 20
μA bias to ground
4
SENSE+
This is the positive input of the current monitor and has an input range from 40V
(60V transient) down to 3V. The current through this pin varies with differential sense
voltage
5
SENSE-
This is the negative input of the current monitor and has an input range from 40V
(60V transient) down to 3V
Absolute Maximum Ratings
Parameter
Rating
Unit
Continuous Voltage on SENSE+ and SENSE-
-0.6 and 45
V
Transient Voltage on SENSE+ and SENSE-
-0.6 and 65
V
Voltage On All Other Pins
-0.6 and 14
V
Differential Sense Voltage, VSENSE
800
mV
Operating Temperature
-40 to 125
°C
Storage Temperature
-55 to 150
°C
Maximum Junction Temperature
125
°C
Package Power Dissipation
300 @ TA= 25°C
(de-rate to zero at 125°C)
mW
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may reduce
device reliability
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VIN
Common-Mode Sense+ Input Range
3
40
V
VCC
Supply Voltage Range
4.5
12
V
VSENSE
Differential Sense Input Voltage Range
0
0.15
V
VOUT
Output Voltage Range
0
1.5
V
TJ
Ambient Temperature Range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com