Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3003E6
Description  5A(peak) gate driver in SOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3003E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - October 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXGD3003E6
5A(peak) gate driver in SOT23-6
General description
The ZXGD3003E6 is a high-speed non-inverting single MOSFET gate driver capable of driving up to 5A
into a MOSFET or IGBT gate capacitive load from supply voltages up to 40V. With typical propagation
delay times down to 2ns and rise/fall times down to 9ns this device ensures rapid switching of the power
MOSFET or IGBT to minimize power losses and distortion in high current fast switching applications.
The ZXGD3003E6 is inherently rugged to latch-up and shoot-through, and its wide supply voltage range
allows full enhancement to minimize on-losses of the power MOSFET or IGBT.
Its low input voltage requirement and high current gain allows high current driving from low voltage
controller ICs, and the optimized pin-out SOT23-6 package with separate source and sink pins eases
board layout, enabling reduced parasitic inductance and independent control of rise and fall slew rates.
Features
•
40V operating voltage range
•
5 amps peak output current
•
Fast switching emitter-follower configuration
•
2ns propagation delay time
•
19ns rise/fall time, 1000pF load
•
Low input current requirement
•
1.6A(source)/1.4A(sink) output current from 10mA input
•
SOT23-6 package
•
Separate source and sink outputs for independent control of rise and fall time
•
Optimized pin-out to ease board layout and minimize trace inductance
•
No Latch Up
•
No shoot through
•
Near - Zero quiescent and output leakage current
Typical application circuit
GND
SINK
VCC
IN1
IN2
SOURCE
VS
Input
VCC
ZXGD3003


Similar Part No. - ZXGD3003E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6QTA DIODES-ZXGD3003E6QTA Datasheet
885Kb / 8P
40V 5A GATE DRIVER IN SOT26
February 2020
logo
Zetex Semiconductors
ZXGD3003E6TA ZETEX-ZXGD3003E6TA Datasheet
382Kb / 8P
5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6 DIODES-ZXGD3003E6_15 Datasheet
395Kb / 8P
5A(peak) gate driver in SOT23-6
OCTOBER 2007
More results

Similar Description - ZXGD3003E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
5A(peak) gate driver
ZXGD3002E6 ZETEX-ZXGD3002E6 Datasheet
442Kb / 8P
9A(peak) Gate driver in SOT23-6
logo
Diodes Incorporated
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
ZXGD3001E6 DIODES-ZXGD3001E6 Datasheet
450Kb / 8P
9A(peak) Gate driver in SOT23-6
OCTOBER 2007
ZXGD3002E6 DIODES-ZXGD3002E6 Datasheet
449Kb / 8P
9A(peak) Gate driver in SOT23-6
OCTOBER 2007
ZXGD3004E6 DIODES-ZXGD3004E6 Datasheet
231Kb / 8P
8A(peak) gate driver in SOT23-6
OCTOBER 2007
ZXGD3001E6 DIODES-ZXGD3001E6_15 Datasheet
450Kb / 8P
9A(peak) Gate driver in SOT23-6
OCTOBER 2007
ZXGD3002E6 DIODES-ZXGD3002E6_15 Datasheet
449Kb / 8P
9A(peak) Gate driver in SOT23-6
OCTOBER 2007
ZXGD3003E6 DIODES-ZXGD3003E6_15 Datasheet
395Kb / 8P
5A(peak) gate driver in SOT23-6
OCTOBER 2007
ZXGD3004E6 DIODES-ZXGD3004E6_15 Datasheet
231Kb / 8P
8A(peak) gate driver in SOT23-6
OCTOBER 2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com