Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3003E6 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXGD3003E6
Description  5A(peak) gate driver in SOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXGD3003E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXGD3003E6
Issue 2 - October 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Thermal resistance
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 0.6mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions.
(b) For device with two active dice running at equal power.
(c) Pulse width <=300us limit repetition rate to comply with maximum junction temperature.
Parameter
Symbol
Limit
Unit
Supply voltage
VCC
40
V
Input voltage
VIN
40
V
Peak sink current(c)
I(sink)PK
5A
Source current @ IIN1 + IIN2 =10mA(a)
I(source)
1.6
A
Sink current @ IIN1 + IIN2 =10mA(a)
I(sink)
1.4
A
Input current(c)
IIN1, IIN2
1A
Power dissipation at TA =25°C(a)(b)
PD
1.1
W
Linear derating factor
8.8
mW/
°C
Operating and storage temperature range
Tj, Tstg
-55 to +150
°C
Parameter
Symbol
Value
Unit
Junction to ambient(a)(b)
R JC
113
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com