Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC651154N Datasheet(PDF) 30 Page - Sanyo Semicon Device

Part # LC651154N
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154N Datasheet(HTML) 30 Page - Sanyo Semicon Device

Back Button LC651154N Datasheet HTML 26Page - Sanyo Semicon Device LC651154N Datasheet HTML 27Page - Sanyo Semicon Device LC651154N Datasheet HTML 28Page - Sanyo Semicon Device LC651154N Datasheet HTML 29Page - Sanyo Semicon Device LC651154N Datasheet HTML 30Page - Sanyo Semicon Device LC651154N Datasheet HTML 31Page - Sanyo Semicon Device LC651154N Datasheet HTML 32Page - Sanyo Semicon Device LC651154N Datasheet HTML 33Page - Sanyo Semicon Device LC651154N Datasheet HTML 34Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Parameter
Symbol
Conditions
Applicable pins and notes
Ratings
Unit
min
typ
max
• Output n-channel transistors off
Ports C, D, E and F with
IIH (1)
(Including the n-channel transistor
the open-drain
5.0
off leakage current.)
specifications
• VIN = 13.5 V
High-level input current
• Output n-channel transistors off
IIH (2)
(Including the n-channel transistor
Ports A and G with the
1.0
µA
off leakage current.)
open-drain specifications
• VIN = VDD
IIH (3)
When an external clock is used,
OSC1
1.0
VIN = VDD
IIL (1)
• Output n-channel transistors off
Ports with the open-drain
–1.0
• VIN = VSS
specifications
IIL (2)
• Output n-channel transistors off
Ports with the pull-up
–1.3
–0.35
mA
Low-level input current
• VIN = VSS
resistor specifications
IIL (3)
VIN = VSS
RES
–45
–10
µA
IIL (4)
When an external clock is used,
OSC1
–1.0
VIN = VSS
High-level output voltage
VOH
• IOH = –10 µA
Ports with the pull-up
VDD – 0.5
resistor specifications
VOL (1)
• IOL = 3 mA
Port
1.5
Low-level output voltage
VOL (2)
When IOL = 1 mA and the IOL for
Port
0.4
V
each port is 1 mA or less.
Hysteresis voltage
VHIS
0.1 VDD
High-level threshold
VtH
0.4 VDD
0.8 VDD
voltage
Low-level threshold
VtL
0.2 VDD
0.6 VDD
voltage
Current drain *6
• Operating, with the output
n-channel transistors off
Two-pin RC oscillator
IDDOP (1)
• With the ports at VDD
VDD
1.0
4
• Figure 2, fosc = 800 kHz (typical)
Ceramic oscillator
IDDOP (2) • Figure 3, 4 MHz, divide-by-four circuit used VDD
1.5
4
IDDOP (3)
• Figure 3, 4 MHz, divide-by-four circuit used
VDD
0.5
1
VDD = 2.2 V
IDDOP (4) • Figure 3, 400 kHz
VDD
1.0
2.5
mA
IDDOP (5) • Figure 3, 800 kHz
VDD
1.5
4
• 200 kHz to 1024 kHz, no divider
circuit
External clock
IDDOP (6)
• 600 kHz to 3120 kHz, divide-by-
VDD
1.5
4
three circuit used
• 800 kHz to 4160 kHz, divide-by-
four circuit used
Output n-channel transistors off,
VDD
0.05
10
Standby mode
IDDst
VDD = 6 V
µA
Ports at VDD, VDD = 2.2 V
VDD
0.020
4
RES, INT, SCK, SI, and
OSC1 with Schmitt
specifications*5
No. 6278-30/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Electrical Characteristics at Ta = –40 to +85°C, VSS = 0 V, VDD = 2.2 to 6.0 V (Unless otherwise specified.)
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com