Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC651154N Datasheet(PDF) 33 Page - Sanyo Semicon Device

Part # LC651154N
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154N Datasheet(HTML) 33 Page - Sanyo Semicon Device

Back Button LC651154N Datasheet HTML 29Page - Sanyo Semicon Device LC651154N Datasheet HTML 30Page - Sanyo Semicon Device LC651154N Datasheet HTML 31Page - Sanyo Semicon Device LC651154N Datasheet HTML 32Page - Sanyo Semicon Device LC651154N Datasheet HTML 33Page - Sanyo Semicon Device LC651154N Datasheet HTML 34Page - Sanyo Semicon Device LC651154N Datasheet HTML 35Page - Sanyo Semicon Device LC651154N Datasheet HTML 36Page - Sanyo Semicon Device LC651154N Datasheet HTML 37Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
No. 6278-33/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
Figure 1 External Clock Input Waveform
Figure 2 Two-Pin RC Oscillator Circuit
Figure 3 Ceramic Oscillator Circuit
External clock
open
Ceramic oscillator
element
0.15 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com